PART |
Description |
Maker |
LT3693IMSE-PBF LT3693IMSE-TRPBF LT3693IDD-PBF LT36 |
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
|
Linear Technology
|
LT3680 LT3680EDD-PBF LT3680EDD-TRPBF LT3680EMSE-PB |
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75レA Quiescent Current
|
Linear Technology
|
MP2481DH |
36V, 1.2A, 1.4MHz White LED Driver
|
Monolithic Power Systems
|
LT3685EDDTRPBF |
36V, 2A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 4.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT3972EDD-PBF LT3972IDD-PBF LT3972EMSE-PBF LT3972E |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, MSOP-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology, Corp.
|
LTC3404 LTC3404EMS8 |
1.4MHZ HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR LTC3404, 1.4MHz 600mA High Efficiency Monolithic Synchronous Step-down Regulator
|
LINER[Linear Technology]
|
LT1613 LT1613CS5 |
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23 Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
G5756 |
1.5A, 1.4MHz Step-down DC/DC
|
Global Mixed-mode Techn...
|
MP2365 MP2365DN EV2365DN-00A |
3A, 28V, 1.4MHz Step-Down Converter
|
MPS[Monolithic Power Systems]
|
MP2562DQ |
1A, 4MHz, 50V Step-Down Converter
|
Monolithic Power System...
|