PART |
Description |
Maker |
PLSCE105H-37JC PLSCE105H-37PC PLSCE105H-37RC PLS10 |
Electrically-Erasable PLD PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Fuse-Programmable PLD 保险丝,可编程的PLD 4-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 保险丝,可编程的PLD PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C
|
HIROSE ELECTRIC Co., Ltd. Samsung Semiconductor Co., Ltd.
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TBA40-11EGWA TBA40-12EGWA TC40-11YWA TA40-11EWA TA |
The High Efficiency Red Source color Devices 5X7 DOT MATRIX DISPLAY, HIGH EFFICIENCY RED/GREEN, 101.6 mm
|
Kingbright, Corp. Kingbright Corporation. KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|
LTC1142HVCGPBF LTC114200 |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC3415 |
7A, PolyPhase Synchronous Step-Down Regulator
|
Linear Technology Corporation
|
ADE7880ACPZ EVAL-ADE7880EBZ |
Polyphase Multifunction Energy Metering IC
|
Analog Devices
|
FDMQ8403 |
100V N-Channel PowerTrenchMOSFET GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor
|
LTC1629EG-6 LTC1629EG-6PBF LTC1629EG-6TR |
PolyPhase, Synchronous Step-Down Switching Regulator
|
Linear Technology
|