PART |
Description |
Maker |
SIHF630-E3 IRF630 |
Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
|
Kersemi Electronic Co., Ltd. Kersemi Electronic Co.,...
|
MK4096P-6 MK4096N-6 MK4096N-11 MK4096N-16 MK4096P- |
4096x1-bit dynamic RAM, 250ns acces time, 375ns cycle time, max. power 450mW. 4096x1-bit dynamic RAM, 350ns acces time, 500ns cycle time, max. power 320mW. 4096x1-bit dynamic RAM, 300ns acces time, 425ns cycle time, max. power 385mW.
|
Mostek
|
K4E641612B-L K4E661612B K4E661612B-L K4E661612B-TC |
4M x 16bit CMOS dynamic RAM with extended data out, 3.3V power supply, 60ns, low power 4M x 16bit CMOS dynamic RAM with extended data out, 3.3V power supply, 45ns, low power 4M x 16bit CMOS dynamic RAM with extended data out, 3.3V power supply, 50ns, low power
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
1-1318117-3 |
Dynamic Series Connectors; DYNAMIC D-2100 TAB HSG 3P F/H ( AMP )
|
Tyco Electronics
|
2-1939028-3 |
Dynamic Series Connectors; DYNAMIC 1200D REC HSG 6P Y NATURAL ( Tyco Electronics )
|
Tyco Electronics
|
K4F641612B K4F641612B-L K4F641612B-TC K4F641612B-T |
4M x 16bit CMOS dynamic RAM with fast page mode, 3.3V power supply, 60ns, low power 4M x 16bit CMOS dynamic RAM with fast page mode, 3.3V power supply, 45ns, low power 4M x 16bit CMOS dynamic RAM with fast page mode, 3.3V power supply, 50ns, low power
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
HYB3118165BST-50 HYB5118165BST-50 HYB3118165BSJ-60 |
High-Speed Fully-Differential Amplifiers 8-MSOP -40 to 85 1M X 16 EDO DRAM, 50 ns, PDSO44 1M x 16-Bit Dynamic RAM 1k Refresh 100万16位动态随机存储器经销商刷 1M×16-Bit Dynamic RAM(1M×16动态RAM(快速页面模) 1M×16-Bit Dynamic RAM (Hyper Page Mode-EDO)(1M×16动RAM)
|
Siemens Semiconductor Group SIEMENS AG
|
HYB5116405BJ-50 HYB5116405BJ-60 HYB5117405BJ-70 HY |
4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M X 4 EDO DRAM, 70 ns, PDSO24 POWERLINE: RP12-S_DA - 2:1 Wide Input Voltage Range- 12 Watts Output Power- 1.6kVDC Isolation- Over Current Protection- Five-Sided Continuous Shield- Standard DIP24 and SMD-Pinning- Efficiency to 88% 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS A G SIEMENS AG http:// Siemens Semiconductor G...
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
Q67100-Q2012 HYB514400BJ-70 HYB514400BJL-60 HYB514 |
1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
|
http:// SIEMENS AG Siemens Semiconductor G...
|
SPM4M024-100 SPC8M075-006 SPC8M045-010 SPC8M030-02 |
6 A, 1000 V, 2 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 130 A, 60 V, 0.006 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 120 A, 300 V, 0.035 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 40 A, 600 V, 0.18 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 350 A, 60 V, 0.003 ohm, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 45 A, 100 V, 0.03 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 300 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sensitron Semiconductor http://
|
|