PART |
Description |
Maker |
NFA31CC221S1E4D NFA31CC101S1E4B NFA31CC222R1E4B NF |
NFA3216D02C221 220 PF 20%(1206)CAP FILT 4 FUNCTIONS, 25 V, 0.2 A, FEED THROUGH CAPACITOR
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
SAFSE1G96KD0T00 SAFSE1G95KC0T00 SAFSE1G57KA0T09 SA |
1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1950 MHz, SAW FILTER 1 FUNCTIONS, 1575.42 MHz, SAW FILTER 1 FUNCTIONS, 851 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 1842.5 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER 1 FUNCTIONS, 906 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
U210 |
1 FUNCTIONS, 45.75 MHz, SAW FILTER
|
EPCOS AG
|
B39182-B4204-Z810 |
1 FUNCTIONS, 1842.5 MHz, SAW FILTER
|
EPCOS AG
|
B39192B9640F210 |
1 FUNCTIONS, 1880 MHz, SAW FILTER
|
EPCOS AG
|
B39911-B4648-Z610 |
1 FUNCTIONS, 914.5 MHz, SAW FILTER
|
EPCOS AG
|
|