PART |
Description |
Maker |
HCS412-I/P HCS412-I/SN HCS412/SN HCS412 HCS412P HC |
48V Quad Hot-Swap Controllers For Power-Over-LAN KEELOQ Code Hopping Encoder and Transponder Code Hopping Encoder and Transponder(编码器和收发两用 The HCS412 combines the patented KEELOQ® code hopping technology and bi-directional transponder challenge-and-response security ...
|
Microchip Technology Inc.
|
ICM7211M ICM7211A ICM7211AM ICM7212 ICM7212AM ICM7 |
Four digit display decoder/driver. LCD, output code - hexadecimal, input configuration - micro P interface Four digit display decoder/driver. LCD, output code - code B, input configuration - multiplexed 4-bit. FOUR DIGIT DISPLAY DECODER/DRIVERS Four digit display decoder/driver. LCD, output code - code B, input configuration - micro P interface Four digit display decoder/driver. LCD, output code - code B, input configuration - micro P interface Four digit display decoder/driver. LED, output code - code B, input configuration - multiplexed 4-bit.
|
Maxim Integrated Products MAXIM - Dallas Semiconductor
|
HCS300_01 HCS300-_P HCS300-_SN HCS300-I_P HCS300-I |
The HCS300 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS300 utilizes Microchip’s ... KEE LOQ Code Hopping Encoder
|
MICROCHIP[Microchip Technology]
|
HCS360 HCS360T-/SN HCS360T-/P HCS360-/P HCS360-/SN |
Remote-Control Transmitter/Encoder KEELOQ? Code Hopping Encoder KEELOQ庐 Code Hopping Encoder
|
Microchip Technology
|
MCP40D19T-103AE_LT MCP40D19-502AE_LT MCP40D17 MCP4 |
10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6 7-Bit Single I2C?/a> (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C垄芒 (with Command Code) Digital POT with Volatile Memory in SC70
|
Microchip Technology
|
CY7C60323-LTXCT CY7C60333-LTXC |
enCoRe?/a> III Low Voltage enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B MULTIFUNCTION PERIPHERAL, QCC32
|
Cypress Semiconductor, Corp.
|
HCS410/WM |
HCS410WM Datasheet HCS410WM数据 The HCS410/WM is a read/write transponder module in a small, tapered SOT-385 leadless wedge package. HCS410/WM utilizes Microchip’s patented KEELOQ® code hopping technology to create a robust dual-encryption key device that prov
|
Microchip
|
AK2127 |
Receiver/Demodulator for time code signals transmitted by the transmitters From old datasheet system Receiver/ Demodulator for time code signals transmitted by the transmitter Radio Controlled Clock Receiver
|
List of Unclassifed Manufac... Electronic Theatre Controls, Inc. ETC[ETC] Gunter Seniconductor GmbH.
|
87C196JT AN87C196JQ AN87C196KR AN87C196JR AN87C196 |
Advanced 16-Bit CHMOS Microcontrollers Advanced 16-bit CHMOS microcontroller. EPROM 12K, Reg RAM 360, Code RAM 128, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 56 Advanced 16-bit CHMOS microcontroller. EPROM 16K, Reg RAM 488, Code RAM 256, I/O 41 Advanced 16-bit CHMOS microcontroller. EPROM 48K, Reg RAM 1.5K, Code RAM 512, I/O 41
|
Intel
|
H11D3M |
IGBT; VCES (V): 400; Ic (A): 150; VGES (V): 6; Condition ICES at VCE=400V,VGE=0V (µA): 10; Condition IGES at VGE=VGES,VCE=0V (µA): ±10; Condition VGE (th) at VCE=10V,IC=1mA (V): 1.5; Package Code: PTSP0008JB-B (TTP-8DV)
|
Fairchild Semiconductor Corporation
|
PZTA43 |
Ordering Code: n/a
|
Infineon
|
HD153013 HD153009 |
2-7 Code Encoder/Decoder
|
Hitachi Semiconductor
|