PART |
Description |
Maker |
AS3909-BQTT AS3910-BQFT |
13.56 MHz RFID Reader IC, ISO-14443 A/B
|
austriamicrosystems AG ams AG
|
RA01L8693MA10 |
865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
|
Mitsubishi Electric Semiconductor
|
MCRF250 MCRF250-I_WFQ23 MCRF250-I_P MCRF250-I_S MC |
The MCRF250 is one time contactlessly programmable passive Radio Frequency Identification (RFID) IC device with advanced anti-collision features. The device is powered by an external RF transmitter (reader) through inductive coupling. The 125 kHz microID Passive RFID Device with Anti-Collision From old datasheet system
|
MICROCHIP[Microchip Technology]
|
AT90SC0802RNBSP AT90SC0802R |
Contactless RFID Chip with AVR Microprocessor, ISO 14443 From old datasheet system
|
Atmel Corp
|
RWM600SK RWM600 |
ISO/IEC 15693 READER MODULE From old datasheet system
|
List of Unclassifed Manufacturers ETC[ETC]
|
MB89R118 MB89R11806 |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
|
Fujitsu Component Limited.
|
MB89R118A-DI15 |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
|
Fujitsu Component Limited.
|
LRIS64K |
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
|
STMicroelectronics
|
A9211B |
ISO/IEC 14443A RFID TAG IC
|
AMIC Technology
|
ARRRN5-868.000MHZ |
RFID Reader (Passive)
|
Abracon Corporation
|