PART |
Description |
Maker |
B561-8I-10 B221-8I-10 B331-8I-10 B101-8I-10 B151-8 |
UNSHIELDED, 0.4 uH - 0.56 uH, VARIABLE INDUCTOR UNSHIELDED, 0.16 uH - 0.22 uH, VARIABLE INDUCTOR UNSHIELDED, 0.24 uH - 0.33 uH, VARIABLE INDUCTOR UNSHIELDED, 0.07 uH - 0.1 uH, VARIABLE INDUCTOR UNSHIELDED, 0.11 uH - 0.15 uH, VARIABLE INDUCTOR UNSHIELDED, 0.054 uH - 0.076 uH, VARIABLE INDUCTOR UNSHIELDED, 0.02 uH - 0.025 uH, VARIABLE INDUCTOR
|
Data Device, Corp. ITT Interconnect Solutions
|
0190700156 |
InsulKrimp Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 5/16, Length34.21mm (1.347), Mylar Tape Carrier
|
Molex Electronics Ltd.
|
IRKHF112-02CPN IRKLF180-08HPNPBF IRKLF180-08HJNPBF |
175.84 A, 200 V, SCR 282.6 A, 800 V, SCR 314 A, 800 V, SCR 314 A, 200 V, SCR
|
Amphenol, Corp.
|
165-05A06L 164-03A06L 165-01A06L 165-06A06L 164-11 |
5 mm Tunable Inductor Unshielded Surface Mount Inductors UNSHIELDED, 26 uH - 34 uH, VARIABLE INDUCTOR Unshielded Surface Mount Inductors SHIELDED, 21 uH - 25 uH, VARIABLE INDUCTOR Unshielded Surface Mount Inductors UNSHIELDED, 54 uH - 78 uH, VARIABLE INDUCTOR
|
Coilcraft lnc. Coilcraft, Inc.
|
SH200Q21D |
314 A, 1200 V, SCR
|
|
SR314B |
314.50 MHz One-Port SAW Resonator
|
Vanlong Technology Co., Ltd.
|
RO2131D |
314.350 MHz SAW Resonator
|
RFM[RF Monolithics, Inc]
|
1410454 1410460 1410478 1410516 1410517 1410524 14 |
Bobbin Type Inductors SPACER,.25L,.125 O.D,.047 I.D. Unshielded Surface Mount Inductors 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR LED MOUNT, RIGHT ANGLE 2 LEAD FOR T 1-3/4 NYLON NATURAL 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR LED MOUNT, RIGHT ANGLE 2 LEAD FOR T 1-3/4 NYLON NATURAL 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 22000 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR CAP 2.2UF 450V FILM BOX TYPE 10% 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR LED MOUNT, T1-3/4, FLUSH MNT, NYLON, NATURAL COLOR SPACER,NYLON ROUND
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|
AIRV-144-10.5T-JS AIRV-143-12.5T-J AIRV-144-4.5T-J |
SHIELDED, 0.355 uH - 0.477 uH, VARIABLE INDUCTOR UNSHIELDED, 0.578 uH - 0.95 uH, VARIABLE INDUCTOR UNSHIELDED, 0.132 uH - 0.195 uH, VARIABLE INDUCTOR SHIELDED, 0.433 uH - 0.585 uH, VARIABLE INDUCTOR
|
ABRACON CORP
|
45830-0015 |
1.20mm (.047) by 2.00mm (.079) Pitch HD Mezz Plug, 195 Circuits, 8.00mm (.314) Unmated Height, 15 Rows, Tin (Sn)/Lead (Pb) Plating
|
Molex Electronics Ltd.
|
46557-4547 |
1.27mm (.050) by 1.27mm (.050) Pitch SEARAY Slim Receptacle, 160 Circuits, 8.00mm (.314) Unmated Height
|
Molex Electronics Ltd.
|
150-01J08 146-06J08 150-03J08 150-01J08S 150-06J08 |
NOT RoHS. RF inductor, tunable, Carbonyl J core, shielded (add L" for compliant version)" NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.082 uH - 0.114 uH, VARIABLE INDUCTOR NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.188 uH - 0.292 uH, VARIABLE INDUCTOR Inductor: RF: Unshielded: 0.049u: 50M: 88: Carbonyl Iron: Radial
|
COILCRAFT INC Coilcraft, Inc.
|
|