PART |
Description |
Maker |
PS2832 PS2832-1 PS2832-1-F3 PS2832-1-F4 PS2832-1-V |
CONN CABLE ADPT PG 21/NPT 3/4,1 高隔离电压高集电极到发射极电压专科多光耦合 HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER 高隔离电压高集电极到发射极电压专科多光耦合 CONN CABLE ADPT PG 13.5/NPT 1/2,1 CONN CABLE ADPT PG 16/NPT 1/2,1 Power Resistor; Series:MK; Resistance:1kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded
|
NEC, Corp. NEC Corp. NEC[NEC]
|
5019390503 501939-0500 501939-0436 501939-0503 501 |
1.0 WIRE TO BOARD CONN. 1-ROW RECPTACLE HOUSING POSITIVE LOCK
|
Molex Electronics Ltd.
|
0192160005 192160005 ML-2218 |
Multi-Lock Connector for 18-22 AWG Wire
|
Molex Electronics Ltd.
|
MB623XXX MB620XXX MB602XXX MB605XXX MB621XXX MB606 |
UHB SERIES 1.5U CMOS GATE ARRAYS CONN,HEADER,4PIN,DISK POWER
|
Fujitsu Component Limited. Fujitsu Limited
|
A-HDS15-HOOD-WP-R |
D-SUB CONN. ASSY SCREW HO15P M CONN M PIN
|
Assmann Electronics Inc.
|
175024-1 |
250 SERIES POSITIVE LOCK-EX REC
|
Tyco Electronics
|
794077-2 177898-6 177898-1 1-1586038-4 1-794221-0 |
AMP Soft Shell Pin and Socket Connectors VAL–U–LOK Series Connector System .163" Centerline, 600 V, 9.5 A max. VAL-U-LOK Series Connector System; 14P VRT HDR VAL-U-LOK V0 ( AMP ) Power Double-Lock Connectors; POWER DBL LOCK PLUG HSG 2P ( AMP )
|
Tyco Electronics
|
DFC15U48D15 DFC15U48D12 |
MAC 1 FT CABLE SERV SERIES-KVM SUN SERVER CABLES WITH AUDIO, 13W3 VIDEO CONN. DUAL OUTPUT
|
Power-One
|
046240040001800 0462400XXXX |
6240 Series / ZIF Right Angle SMT One-Touch Lock
|
AVX Corporation
|
NAEM-0101 NAEM-0102 NAEM-1001 FWA-6500 FWA-6500BE |
Multi-Core x86 Intel垄莽 Xeon垄莽 Processor 5500 series based 2U Network Application Platform Multi-Core x86 Intel? Xeon? Processor 5500 series based 2U Network Application Platform
|
Advantech Co., Ltd.
|