PART |
Description |
Maker |
2SB631 2SB631K 2SD600 2SD600K |
NPN Epitaxial Planar Silicon Transistor 100V/120V, 1A Low-Frequency Power Amplifier Applications 100V/120V/ 1A Low-Frequency Power Amplifier Applications 100V/120V/ 1A Low-Frequency Power Amp Applications PNP/NPN Epitaxial Planar Silicon Transistors 100V/120V, 1A Low-Frequency Power Amp Applications PNP Epitaxial Planar Silicon Transistor for 100V/120V, 1A Low-Frequency Power Amplifier Applications(用于100V/120VA低频功率放大器应用的PNP硅外延平面型晶体
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
UMA1014 UMA1014_3 UMA1014T-T |
PLL FREQUENCY SYNTHESIZER, 1100 MHz, PDSO16 From old datasheet system Low-power frequency synthesizer for mobile radio communications
|
NXP SEMICONDUCTORS Philips
|
UPC1658G UPC1658G-E1 |
RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Low Noise, High Frequncy Si MMIC Amplifier(低噪声高频率放大 LOW NOISE/ HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE HIGH FREQUENCY Si MMIC AMPLIFIER
|
NEC Corp. NEC[NEC]
|
SP8861 SP8861HP SP8861NAHP |
1・3GHz Low Power Single-Chip Frequency Synthesiser 13GHz Low Power Single-Chip Frequency Synthesiser
|
MITEL[Mitel Networks Corporation]
|
SA8027 SA8027DH SA8027W |
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
|
PHILIPS[Philips Semiconductors]
|
2SD2150 2SC4115S 2SD2264 A5800368 2SD2150R |
Low Frequency Transistor(20V/ 3A) TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 3A I(C) | SC-62 From old datasheet system Low Frequency Transistor (20V, 3A) Low Frequency Transistor(20V, 3A) Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
Rohm
|
JO42-3V3 |
Low Power/Low Frequency Oscillator
|
Jauch Quartz Gmbh
|
JO42-2.5V |
Low Power/Low Frequency Oscillator
|
Jauch Quartz Gmbh
|
2SK2218 2SK2218-5 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-Frequency Low-Noise Amp Applications
|
Sanyo Semicon Device
|
2SA129807 |
Low Frequency Power Amplifier Application Power Switching Applications
|
Toshiba Semiconductor
|
2SC3265 |
NPN EPITAXIAL TYPE (LOW FREQUENCY POWER AMPLIFIER, POWER SWITCHING APPLICATIONS)
|
Toshiba Semiconductor
|