PART |
Description |
Maker |
2SD773 2SD773U4 2SD773-L2-AZ |
2000 mA, 16 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | NPN | 16V V(BR)CEO | 2A I(C) | TO-221VAR NPN SILICON TRANSISTOR From old datasheet system
|
NEC Corp. NEC[NEC]
|
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
BFG25AW BFG25AW_X BFG25AW/X BFG25X |
NPN 5 GHz wideband transistors C BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN 5GHz wideband transistor(NPN 5G赫兹 宽带晶体
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
KTC1027 KTC1027O KTC1027-15 |
EPITAXIAL PLANAR NPN TRANSISTOR General Purpose Transistor 800 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
BC618 ON0154 BC618RL BC618ZL1 |
Darlington Transistor NPN From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Darlington Transistors(NPN Silicon) 1000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
BC548ABC BC547ABC ON0152 BC546 BC548C BC548 BC546B |
Amplifier Transistor NPN From old datasheet system CASE 29-04, STYLE 17 TO-2 (TO-226AA) Amplifier Transistors(NPN Silicon) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
|