PART |
Description |
Maker |
2SC2404 |
Optimum for RF amplification of FM/AM radios High transition frequency fT
|
TY Semiconductor Co., Ltd
|
2SD1994A |
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
|
Panasonic Semiconductor
|
2SA719 2SA720 |
Silicon PNP epitaxial planer type(For low-frequency power amplification and driver amplification) 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
CY7C1021BNV33L-15BAI |
64 K × 16 Static RAM CMOS for optimum speed/power
|
Cypress Semiconductor
|
C075X025YJD |
OPTIMUM C075X025YJD AND C075X025CBD COMPUTER PRINTABLE LABELS
|
PANDUIT CORP.
|
MICROFOX-F |
Through-connected joint for permanent stability and optimum distribution of force
|
PHOENIX CONTACT
|
C288X040Y1J |
OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
|
PANDUIT CORP.
|
C282X030Y1J |
OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
|
PANDUIT CORP.
|
E-1048-S602DC24V4.0A E-1048-S602DC24V0.5A E-1048-S |
Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
|
ETAL Group
|
E-1048-S703DC24V-1.0A E-1048-S703DC24V-4.0A |
Optimum load protection because a range of current ratings is available
|
ETAL Group
|