PART |
Description |
Maker |
1N2131AR 1N2129A 1N2128AR 1N2129AR 1N2130A 1N2130A |
DEVICE HIGH POWER STANDARD
|
America Semiconductor, LLC America Semiconductor, ...
|
1N3208 1N3210 1N3208R 1N3209 1N3210R |
DEVICE HIGH POWER STANDARD
|
America Semiconductor, LLC America Semiconductor, ...
|
ATF1504ASL ATF1500AS-15AC100 ATF1504AS-10AC100 ATF |
64 Macrocell, low power w/ISP, 5V 64 Macrocell, standard power w/ISP, 5V High performance Complex Programmable Logic Device ER 2C 2#8 SKT RECP
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
BTS4141D Q67060-S6098 |
Smart High-Side Power Switch 1 Channel: 1 x 200m?/a> Smart High Side Switches - 1x 200m? 12-45V P-TO-252 Smart High-Side Power Switch 1 Channel: 1 x 200mз POWERLINE: RP15-S_DEW - 4:1 Wide Input Voltage Range- 15 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 82%
|
INFINEON[Infineon Technologies AG]
|
WSL1206R1000FEA18 WSL12061L000FTB18 VISHAYDALE-WSL |
Metal Strip/Wire Resistor, RESISTOR, CURRENT SENSE, METAL STRIP, 0.5 W, 1 %, 75 ppm, 0.1 ohm, SURFACE MOUNT, 1206, CHIP, GREEN RES METAL STRP 1206 1M OHM 1% 1/2W 275PPM/ C SMD - Tape and Reel Power Metal Strip Resistors, High Power Low Value, Surface Mount Power Metal Strip Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005 Ohm), Surface Mount Power Metal Strip? Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005 ?, Surface Mount Power Metal Strip? Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005 Ohm), Surface Mount Power Metal Strip? Resistors, High Power (2 x Standard WSL) Low Value Surface Mount Power Metal Strip Resistors, High Power Low Value, Surface Mount
|
Vishay Dale Vishay Siliconix
|
MC9S12DT256C MC9S12DT256B MC9S12DG256C 9S12DP256BD |
9S12Dx256B Device Guide. also covers C derivatives and 9S12Ax256 devices device made up of standard HCS12 blocks and the HCS12 processor core 设备组成水平的HCS12块和HCS12的处理器核心
|
ETC 飞思卡尔半导体(中国)有限公司
|
AS8650A-ZQFP-01 |
High-efficient Power Management Device with High-speed CAN Interface
|
austriamicrosystems AG
|
IS61C1024 IS61C1024-12H IS61C1024-12HI IS61C1024-1 |
RES POWER .050 OHM 2W 1% SMT 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K X 8 STANDARD SRAM, 25 ns, PDSO32 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 IC-1MB FAST SRAM 128K X 8 STANDARD SRAM, 15 ns, PDIP32 RES POWER .030 OHM 2W 5% SMT RES POWER .020 OHM 2W 5% SMT
|
Integrated Silicon Solution, Inc. ETC[ETC] Integrated Silicon Solution Inc
|
TPD4121K |
Intelligent Power Device High Voltage Monolithic Silicon Power IC
|
Toshiba Semiconductor
|
TPD4113K HZIP23-P-1.27F HZIP23-P-1.27G HZIP23-P-1. |
INTELLIGENT POWER DEVICE HIGH VOLTAGE MONOLITHIC SILICON POWER IC
|
Toshiba Semiconductor
|
BUL72A |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|