PART |
Description |
Maker |
LS6107 |
key operation :KON, KSOUND, KSCOPE, KK1-5,.
|
BOWIN ELECTRONIC CO.
|
B82476B1224M100 B82476B1104M100 B82476B1153M100 B8 |
Ferrite core, Winding: enamel copper wire, Winding soldered to terminals
|
EPCOS
|
1020050000 1020000000 1024700000 |
Product catalogue Terminals Screwing technology W-series modular terminals Modular feed-through terminals
|
Weidmuller
|
SST3S-C SST4H-L SST4I-C |
Sta-Strap ? Cable Ties . Nylon 6.6
|
PANDUIT CORP.
|
R53CS710015Y R53CS710015Z R53CS710025Y R53CS710025 |
Terminals 6.3 x 0.8, 4.8 x 0.5mm Sn or Ni plate, Housing: Thermoset, Cap: SS or Al, Loose Bracket, Terminals Horizontal
|
List of Unclassifed Manufacturers ETC
|
EG3012 |
Power MOS tube / IGBT gate driver chip tube
|
EGmicro
|
DG7-32 |
LOW VOLTAGE CATHODE RAY TUBE FOR OSCILLOSCOPES TUBE
|
NXP Semiconductors
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
LCC10-14BWH-L LCC10-14AW-L LCC10-14AWF-L LCC10-14B |
Copper Compression Lugs For Terminating 14 ?10 AWG Copper Conductors
|
PANDUIT CORP.
|
C3500.41.86 C35004186 |
C3500, Coaxial Cable, RG59/U Type, Plenum, 20 AWG Solid Copper Clad Steel, 95% Bare Copper Braid
|
General Cable Technologies Corporation
|
MX5-PW-CO-4000 MX5-PW-00-4000 |
HIGH CONDUCTIVITY COPPER ALLOY 1.25 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Japan Aviation Electronics Industry, Ltd. JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
|