PART |
Description |
Maker |
STP9N65M2 STD9N65M2 STF9N65M2 |
Extremely low gate charge N-channel 650 V, 0.79 Ohm typ., 5 A MDmesh M2 Power MOSFET in TO-220FP package N-channel 650 V, 0.79 Ohm typ., 5 A MDmesh M2 Power MOSFET in DPAK package N-channel 650 V, 0.79 Ohm typ., 5 A MDmesh M2 Power MOSFET in TO-220 package
|
STMicroelectronics ST Microelectronics
|
STU6N65K3 STF6N65K3 STFI6N65K3 |
N-channel 650 V, 1.1 Ohm typ., 5.4 A SuperMESH3(TM) Power MOSFET in I2PAKFP package N-channel 650 V, 1.1 ohm typ., 5.4 A SuperMESH3 Power MOSFET in TO-220FP, I PAKFP, IPAK N-channel 650 V, 1.1 Ohm typ., 5.4 A SuperMESH3(TM) Power MOSFET in TO-220FP package
|
STMicroelectronics ST Microelectronics
|
STP16N65M2 |
N-channel 650 V, 0.32 Ohm typ., 11 A MDmesh M2 Power MOSFET in TO-220 package
|
ST Microelectronics
|
STFI11N65M2 |
N-channel 650 V, 0.6 Ohm typ., 7 A MDmesh II Plus(TM) low Qg Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
STL38N65M5 |
N-channel 650 V, 0.09 Ohm typ., 22.5 A, MDmesh(TM) V Power MOSFET in PowerFLAT(TM) 8x8 HV package
|
ST Microelectronics
|
STL45N65M5 |
N-channel 650 V, 0.075 Ohm typ., 22.5 A MDmesh(TM) V Power MOSFET in a PowerFLAT 8x8 HV package
|
ST Microelectronics
|
STL31N65M5 |
N-channel 650 V, 0.135 Ohm typ., 15 A MDmesh(TM) V Power MOSFET in PowerFLAT(TM) 8x8 HV package
|
ST Microelectronics
|
STW78N65M5 |
Automotive-grade N-channel 650 V, 0.024 Ohm typ., 69 A, MDmesh(TM) V Power MOSFET in a TO-247 package
|
ST Microelectronics
|
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
S7686 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 10.8; Package: DPAK (L)- (2)
|
Hamamatsu Photonics
|
STL40C30H3LL |
N-channel 30 V, 0.019 Ohm typ., 10 A, P-channel 30 V, 0.024 Ohm typ., 8 A STripFET(TM) V Power MOSFET in a PowerFLAT(TM) 5x6 d. i. package
|
ST Microelectronics
|
S7878 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|