PART |
Description |
Maker |
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
SP6642 SP6642EU SP6642UEB SP6643 SP6643EU |
Single Alkaline Cell High Efficiency Step-Up DC-DC Converter Application Note:High Current Output Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
|
SIPEX[Sipex Corporation]
|
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LT1610 LT1610CMS8 LT1610CS8 LT1610IS8 LT1610IS8PBF |
1.7MHz, Single Cell Micropower DC/DC Converter Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter 1.7MHz, Single Cell Micropower DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.9 A SWITCHING REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO8 1.7MHz, Single Cell Micropower DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3970EMS-3.3-PBF LT3970EMS-3.3-TRPBF LT3970EMS-5- |
40V, 350mA Step-Down Regulator with 2.5楼矛A Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5μA Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead Plastic MSOP, Temp E –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead (3mm × 2mm) Plastic DFN, Temp I –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3667 |
40V 400mA Step-Down Switching Regulator
|
Linear Technology Corporation
|
AAT1239-108 AAT1239ITP-1-T1 |
40V Step-Up Converter for 4 to 10 White LEDs
|
Advanced Analogic Technologies Advanced Analogic Techn...
|
AAT1239ITP-1 |
40V Step-Up Converter for 4 to 10 White LEDs
|
Advanced Analogic Technologies
|
AIC1642 |
3-Pin One-Cell Step-Up DC/DC Converter
|
Analog Integrations Corporation
|
SI9731DQ SI9731DB SI9731 |
UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
|
VISAY[Vishay Siliconix]
|
ACT6359US-T ACT6359 |
High-Efficiency, 40V Step-Up WLED Bias Supplies
|
http:// Active-Semi, Inc
|