PART |
Description |
Maker |
LTC1708EG-PG LTC1708-PG |
Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck Regulator Controller 3 A DUAL SWITCHING CONTROLLER, 310 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology Corporation Linear Technology, Corp.
|
ISL6441IR ISL6441IR-TK ISL6441IRZ ISL6441IRZ-TK IS |
16-Bit Bus Termination Networks With Bus Hold Function 20-SOIC -40 to 85 DUAL SWITCHING CONTROLLER, 1550 kHz SWITCHING FREQ-MAX, PQCC28 1.4MHZ DUAL, 180 DEGREE OUT-OF-PHASE, STEP-DOWN PWM AND SINGLE LINEAR CONTROLLER
|
Intersil, Corp. Intersil Corporation
|
LTC3737 LTC3737EGNPBF |
Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 825 kHz SWITCHING FREQ-MAX, PDSO24 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
|
Linear Technology, Corp.
|
LTC1702CGNPBF LTC1702CGNTR LTC1702CGNTRPBF LTC1702 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SOT; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24 Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24
|
Linear Technology, Corp.
|
ISL6443AIRZ-TK |
300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
MC33065DW-H MC33065DW-L MC34065DW-H MC34065DW-L MC |
HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS 0.4 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO16
|
MOTOROLA INC Motorola Mobility Holdings, Inc.
|
ISL653031EVAL1 ISL6530 ISL6530CB ISL6530CB-T ISL65 |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination Dual Low-Noise High-Drive Operational Amplifier 8-SOIC 0 to 70 Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination DUAL SWITCHING CONTROLLER, 325 kHz SWITCHING FREQ-MAX, PDSO24 Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination DUAL SWITCHING CONTROLLER, 325 kHz SWITCHING FREQ-MAX, PQCC32
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LTC3802EGN LTC3802EUH LTC3802EGNTRPBF LTC3802-15 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 850 kHz SWITCHING FREQ-MAX, PDSO28 Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology Corporation Linear Technology, Corp.
|
ISL6532A ISL6532ACR ISL6532ACR-T ISL6532ACRZ ISL65 |
PWM Control Circuit 16-SOIC 0 to 70 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28 ACPI Regulator/Controller for Dual Channel DDR Memory Systems 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28 PWM Control Circuit 16-SSOP 0 to 70 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp. Intersil Corporation
|
FA7630CP FA7630CPE |
Bipolar IC For Switching Power Supply Control 0.5 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP20
|
Fuji Electric Holdings Co., Ltd.
|
LT1681ISWPBF LT1681-15 |
Dual Transistor Synchronous Forward Controller; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C SWITCHING CONTROLLER, 700 kHz SWITCHING FREQ-MAX, PDSO20
|
Linear Technology, Corp.
|