PART |
Description |
Maker |
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
H3AA05V FTR-H3 H3AA005V H3AA009V H3AA012V FTR-H3AA |
SILENT POWER RELAY 1 POLE0 A LOW PROFILE TYPE FTR-H3 SERIES POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.106A (COIL), 5VDC (COIL), 530mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT SILENT POWER RELAY 1 POLE0 A LOW PROFILE TYPE FTR-H3 SERIES 静音电源继电器一极?0阿薄型介绍,FTR - H3系列 SILENT POWER RELAY 1 POLE?0 A LOW PROFILE TYPE FTR-H3 SERIES
|
Fujitsu Limited Fujitsu, Ltd. FUJITSU LTD
|
MXC6202M |
Low Power, Low Profile ?? g Dual Axis Accelerometer with I2C Interface
|
Electronic Theatre Controls, Inc.
|
SPS4010FT100M SPS4010FT150M SPS4010FT330M SPS4010F |
Low Profile Power Inductors
|
Superworld Electronics
|
SPS3012FT2R2M SPS3012FT6R8M SPS3012FT4R7M SPS3012F |
Low Profile Power Inductors
|
Superworld Electronics
|
SPS5012FT150M SPS5012FT100M SPS5012FT2R2N SPS5012F |
Low Profile Power Inductors
|
Superworld Electronics
|
SPS3015FT150M SPS3015FT100M SPS3015FT220M SPS3015F |
Low Profile Power Inductors
|
Superworld Electronics
|
TK17119F |
Low profile audio power amplifier IC
|
TOKO[TOKO, Inc]
|
AZ936 |
10 AMP LOW PROFILE POWER RELAY
|
ZETTLER Electronics
|
PCLP10-470M-RC PCLP10-100M-RC PCLP10-101M-RC PCLP1 |
Power Chip Low Profile Inductors
|
Allied Components International
|
HR-CR3A |
5A to 16A low-profile power relay
|
HanKuk
|