PART |
Description |
Maker |
DECB33J681KC4B |
Packing in bulk
|
Murata Manufacturing Co., Ltd.
|
2SD2474 |
Low collector to emitter saturation voltage VCE(sat). packing and the magazine packing
|
TY Semiconductor Co., L...
|
D101G39C0GL65J5R D101K20Y5PH65J5R D100G20C0GL63J5R |
D 500V 100PF 2% C0G BULK E3 - Bulk D 100V 100PF 10% Y5P BULK E3 - Bulk D 500V 10PF 2% C0G BULK E3 - Bulk D 500V 100PF 10% X5F BULK E3 - Bulk CAP 0.01UF 50VDC Z5V -20% TO 80% 6.5 X 4MM RDL 6.4MM - Bulk D 50V 10NF -20/ 80% Z5V BULK E3 - Bulk D 100V 100PF 2% C0G BULK E3 - Bulk D 100V 10NF -20/ 80% Z5V AMMO E3 - Ammo Pack Cap Ceramic 100pF 100V C0G 2% (7.5 X 3.5mm) Radial 5mm 125C Bulk Cap Ceramic 0.01uF 100V Z5V -20% to 80% (6.5 X 4mm) Radial 6.4mm 85C Bulk CAP 10PF 100VDC C0G 0.5PF 5 X 4MM RDL 6.4MM - Bulk
|
Vishay Draloric
|
G7881-21 G7881-22 G7881-23 G7881-32 G7881-44 G8339 |
Supply voltage:0.3-5.5V; InGaAs PIN photodiode with preamp: receptacle type, 1.3/1.55um, 156, 622Mbps/1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit enthernet, HDTV, SDH Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 6800uF; Voltage: 25V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 400V; Case Size: 20x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 400V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 25x50 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 FIBER OPTIC RECEIVER, 1250Mbps, PANEL MOUNT, LC CONNECTOR Aluminum Snap-In Capacitor; Capacitance: 68uF; Voltage: 400V; Case Size: 20x25 mm; Packaging: Bulk
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
CXD8977R |
CMOS SDDI Video Packing
|
ETC
|
M29F04B55N1F M29F04B45K1E M29F04B90N1T M29F04B45N6 |
Reversible Motor Driver for Output 1.0A (1 Motor); Package: SIP9; Constitution materials list: Packing style: Tube packaging; Package quantity: 1000 4ch System Motor Driver ICs; Package: HSOP-M28; Constitution materials list: Packing style: Tube packaging; Package quantity: 1000; Minimum package quantity: 1000; 4兆位12KB的8,统一座)单电源闪 4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory 4兆位12KB的8,统一座)单电源闪 Reversible Motor Drivers for Output 1.0A or more (2 Motors); Package: HSIP10; Constitution materials list: Packing style: Tube packaging; Package quantity: 500; Minimum package quantity: 500; 4兆位12KB的8,统一座)单电源闪
|
意法半导 STMicroelectronics N.V.
|
D2TO035CR6800KRE3 D2TO035CR6800JRE3 D2TO035CR6800F |
D 100V 22PF 2% C0G AMMO E3 - Ammo Pack D2TO35 Surface Mount Power Resistor Thick Film Technology D 100V 270PF 10% Y5P BULK E3 - Bulk D 100V 2,7NF 10% Y5P BULK E3 - Bulk Cap Ceramic 220pF 100V SL0 5% (6.5 X 4mm) Radial 5mm 125C T/R D 500V 220PF 5% SL0 REEL E3 - Tape and Reel CAP 0.02UF 250V Z5U -20% TO 80 11 X 3.5MM RDL 10MM - Bulk Cap Ceramic 0.0022uF 500V Y5V -20% to 80% (6.5 X 4mm) Radial 5mm 85C T/R Surface Mount Power Resistor Thick Film Technology
|
Vishay Siliconix Vishay Sfernice
|
AQV202 AQV202A AQV103 AQV103A AQV101 AQV101A AQV20 |
PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 1/2/3-pin side. ER 17C 17#16 PIN RECP ER 8C 8#16 PIN RECP WALL ER 17C 17#16 SKT RECP ER 14C 14#16 SKT RECP WALL ER 2C 2#8 SKT RECP WALL HF (High Function) Type [1-Channel (Form A) Type] PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 700 mA. Tape and reel packing style. picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 600 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 180 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 300 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 40V, load current 500 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 250V, load current 200 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HF (high function) type [1-channel (form A0 type]. Load voltage 400V, load current 150 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Nais(Matsushita Electri... ETC[ETC] NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
FQD5N50CTM |
TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
|
List of Unclassifed Man...
|
HP3-AC100V HP3-AC115V HP3-AC200V HP3-DC12V HP3-DC1 |
Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
|
Panasonic Semiconductor
|
2SD602 |
Low collector to emitter saturation voltage VCE(sat). the tape packing and the magazine
|
TY Semiconductor Co., Ltd
|
|