Part Number Hot Search : 
SN9C102 STSR2M SML80J25 MLL5945 8870B US3002 58200 1FM44
Product Description
Full Text Search

CT2220S14BAUTOG - Ceramic transient voltage suppressors SMD multilayer varistor, E series

CT2220S14BAUTOG_7380471.PDF Datasheet


 Full text search : Ceramic transient voltage suppressors SMD multilayer varistor, E series


 Related Part Number
PART Description Maker
ATV06B141J-G ATV06B141JB-G ATV06B510J-G ATV06B510J Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=600Watts, V<sub>RWM</sub>=140V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=51V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=58V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=54V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=5V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=78V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=45V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=85V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=10V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=100V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=11V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=110V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=12V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=43V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=70V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=75V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7.5V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=440V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6.5V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=350V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=300V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=30V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=36V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=19V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=60V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8.5V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=9V, Tolerance=5%
Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=400V, Tolerance=5%
Comchip Technology
SA110A SA11A SA13ARL SA43ARL SA33ARL SA24ARL SA14A 500 Watt Peak Power MiniMOSORB™ Zener Transient Voltage Suppressors
500 Watt Peak PowerMiniMOSORB Zener Transient Voltage Suppressors
500 W Peak Power MiniMOSORB Zener Transient Voltage Suppressor Unidirectional
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
STANDOFF,M-F,1/4H,4-40X.25SS
Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:3300pF; Capacitance Tolerance: 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:1206; Termination:SMD RoHS Compliant: Yes
Ceramic Multilayer Capacitor; Capacitance:1000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:25V; Dielectric Characteristic:X7R; Package/Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor
Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:0.01uF; Capacitance Tolerance: 5%; Voltage Rating:25VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0805; Termination:SMD RoHS Compliant: Yes
On Semiconductor
MZT3015 MZT2970 MZT3001 MZT3000 MZT3003 MZT3007 MZ 10 watt zener transient suppressor. Nom zener voltage 9.1 V.
10 watt zener transient suppressor. Nom zener voltage 11 V.
10 watt zener transient suppressor. Nom zener voltage 13 V.
10 watt zener transient suppressor. Nom zener voltage 18 V.
10 watt zener transient suppressor. Nom zener voltage 160 V.
10 watt zener transient suppressor. Nom zener voltage 130 V.
10 watt zener transient suppressor. Nom zener voltage 105 V.
10 watt zener transient suppressor. Nom zener voltage 100 V.
10 watt zener transient suppressor. Nom zener voltage 120 V.
10 watt zener transient suppressor. Nom zener voltage 110 V.
10 watt zener transient suppressor. Nom zener voltage 68 V.
10 WATT ZENER TRANSIENT SUPPRESSORS
10 watt zener transient suppressor. Nom zener voltage 62 V.
10 watt zener transient suppressor. Nom zener voltage 82 V.
10 watt zener transient suppressor. Nom zener voltage 75 V.
10 watt zener transient suppressor. Nom zener voltage 91 V.
10 watt zener transient suppressor. Nom zener voltage 140 V.
10 watt zener transient suppressor. Nom zener voltage 150 V.
10 watt zener transient suppressor. Nom zener voltage 16 V.
10 watt zener transient suppressor. Nom zener voltage 8.2 V.
10 watt zener transient suppressor. Nom zener voltage 6.8 V.
10 watt zener transient suppressor. Nom zener voltage 19 V.
Motorola, Inc
CT1812S60ATELEG2 CT1812K75ATELEG2 CT1812S75ATELEG2 Ceramic transient voltage suppressors
EPCOS
B72500E0140S260 Ceramic transient voltage suppressors
EPCOS
B72650M1140K072 B72650M1140K07208 B72650M1170K072 Ceramic transient voltage suppressors
EPCOS
CT1206S14BAUTOG Ceramic transient voltage suppressors
EPCOS
B72510E0300K062 Ceramic transient voltage suppressors
EPCOS
CT0603S14BAUTOG Ceramic transient voltage suppressors
EPCOS
CT1210K17AUTOG B72530E1170K062 Ceramic transient voltage suppressors
EPCOS
B72580V0300K062 B72540V0300K062 B72540V1300K062 B7 Ceramic transient voltage suppressors
EPCOS
CT2220K17G Ceramic transient voltage suppressors Ceramic transient voltage suppressors
EPCOS
 
 Related keyword From Full Text Search System
CT2220S14BAUTOG infineon CT2220S14BAUTOG ic查尋 CT2220S14BAUTOG Corp CT2220S14BAUTOG ic equivalent CT2220S14BAUTOG device
CT2220S14BAUTOG Technique CT2220S14BAUTOG pwm CT2220S14BAUTOG Amp CT2220S14BAUTOG Chip CT2220S14BAUTOG pressure sensor
 

 

Price & Availability of CT2220S14BAUTOG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.553738117218