PART |
Description |
Maker |
CLC-41-30005 |
Time Delay Relays
|
Tyco Electronics
|
TVSS-5 SS-5-1A-AP1 SS-5-2.5A-BK1 SS-5-2.5A-AP SS-5 |
TIME DELAY BLOW ELECTRIC FUSE, 1A, 250VAC, 35A (IR), THROUGH HOLE ROHS COMPLIANT TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 250VAC, 35A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-6.3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Packaging:Bulk; Voltage Rating:250V RoHS Compliant: Yes Subminiature Fuses Subminiature Fuses SS-5 Series, Time-Delay
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
SI-7300A SI-7330A SI-7330 SI7330A |
Time-Delay Relay; Contacts:DPDT; Time Range:1 - 10 sec.; Mounting Type:Plug In; Timing Function:Off-Delay; Coil Voltage AC Max:120V; Contact Carrying Power:5VA; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Unipolar Driver ICs From old datasheet system
|
Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
BK/GMD-800-R GMD-2.5-R GMD-200-R GMD-1.25-R GMD-1. |
TIME DELAY BLOW ELECTRIC FUSE, 0.8A, 250VAC, 35A (IR), INLINE/HOLDER 5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube 5 x 20mm Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
MXD1013 MXD1013PA MXD1013PD MXD1013SA MXD1013SE MX |
3-in-1 silicon delay line. Output delay 45ns. 3-in-1 silicon delay line. Output delay 30ns. 3-in-1 silicon delay line. Output delay 90ns. 3-in-1 silicon delay line. Output delay 12ns. 3-in-1 silicon delay line. Output delay 25ns. Silver Mica Capacitor; Capacitance:11pF; Capacitance Tolerance: 1pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No 3-in-1 silicon delay line. Output delay 70ns. 3-in-1 silicon delay line. Output delay 75ns. 3-in-1 silicon delay line. Output delay 50ns. 3-in-1 silicon delay line. Output delay 20ns. 3-in-1 silicon delay line. Output delay 80ns. 3-in-1 silicon delay line. Output delay 15ns.
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
GS1086 GS1086CE2.5 GS1086CE2.85 GS1086CE3.3 GS1086 |
Time-Delay Relay; Contacts:DPDT; Time Range:1 to 10s; Mounting Type:Panel; Timing Function:Delay-On-Dropout; Contact Carrying Power:2VA 1.5A Low Dropout Positive Adjustable Regulator 1.5A的低压差可调稳压器正 1.5A Low Dropout Positive Adjustable Regulator
|
http:// VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Anpec Electronics, Corp. Vishay Intertechnology, Inc.
|
0SAO001.Z SOO1.13 SOO1.80 SOO025 |
TIME DELAY BLOW ELECTRIC FUSE, 1.13A, 125VAC, 10000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.8A, 125VAC, 10000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 25A, 125VAC, 10000A (IR), INLINE/HOLDER
|
Littelfuse, Inc. TE Connectivity, Ltd.
|
A4BQ800 A4BQ300 |
TIME DELAY BLOW ELECTRIC FUSE, 800A, 600VAC, 600VDC, 200000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 300A, 600VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
BD5240 BD5241 |
Free Delay Time Setting Free Delay Time Setting
|
Rohm
|
48K 48K91US 48K90US 48K01AS |
Programmable Time Delay Relay
|
Tyco Electronics
|
SCF |
Programmable Time Delay Relay
|
Tyco Electronics
|