PART |
Description |
Maker |
BCW72LT1 BCW72LT1/D BCW72L BCW72LT1-D |
General Purpose Transistors NPN Silicon Small Signal NPN General Purpose Transistor NPN Silicon(硅NPN通用晶体
|
ON Semiconductor
|
CN301 CN304 CN300 CN302 CN303 |
0.300W General Purpose NPN Plastic Leaded Transistor. 45V Vceo, A Ic, 50 - 300 hFE 0.300W General Purpose NPN Plastic Leaded Transistor. 35V Vceo, A Ic, 20 - hFE 0.300W General Purpose NPN Plastic Leaded Transistor. 35V Vceo, A Ic, 50 - 300 hFE 0.300W General Purpose NPN Plastic Leaded Transistor. 25V Vceo, A Ic, 50 - 300 hFE NPN SILICON PLANAR EPITAXIAL TRANSISTORS
|
CDIL[Continental Device India Limited] Continental Device Indi...
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
KTC801U KTC801 |
General Purpose Transistor EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
CD9013 CD9013F CD9013H CD9013DEF CD9013GHI CD9013J |
0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 278 - 465 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 118 - 305 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 64 - 135 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 64 - 465 hFE NPN SILICON PLANAR TRANSISTOR
|
Continental Device India Limited
|
BC847A BC846B BC848CLT1 BC850CLT1G BC846ALT1 BC846 |
Small Signal Transistor MINI Small Signal XST MINI General Purpose Transistor NPN Transistor SSP NPN GENERAL PURPOSE TRANSISTORS(NPN SILICON) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-SOIC -55 to 125 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
BC413B BC413C BC414B BC414C |
0.350W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.010A Ic, 180 - 460 hFE 0.350W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 100 - hFE 0.350W General Purpose NPN Plastic Leaded Transistor. 45V Vceo, 0.100A Ic, 100 - hFE 0.350W General Purpose NPN Plastic Leaded Transistor. 45V Vceo, 0.100A Ic, 380 - 800 hFE
|
Continental Device India Limited
|
KTC1008 KTC1008GR KTC1008-15 |
EPITAXIAL PLANAR NPN TRANSISTOR General Purpose Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
BSR14 BSR14-MR BSR14D87Z |
800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR BSR14 MINIREEL 500PCS NPN General Purpose Amplifier
|
FAIRCHILD SEMICONDUCTOR CORP
|
2PD602A 2PD602AQ 2PD602AR 2PD602AS 2PD602ART/R |
500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 PLASTIC, SC-59, 3 PIN NPN general purpose transistor
|
NXP Semiconductors N.V.
|