PART |
Description |
Maker |
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
MAX8877-MAX8878 MAX8877EUK33-T MAX8877EUK50-T MAX8 |
From old datasheet system VOLT REGULATOR|FIXED| 3.3V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 5V|CMOS|TSOP|6PIN|PLASTIC 5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 1.5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 1.8 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 2.7 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 4.2 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.6 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC 4.2 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC 3 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
MAX8842ELT MAX8840ELT MAX8840ELT16T MAX8840ELT18T |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in μDFN Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in レDFN
|
MAXIM[Maxim Integrated Products]
|
MAX8868 MAX8867EUK30T MAX8867EZK29T MAX8867EZKXY-T |
Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23 3 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23 2.9 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
AIC1750 |
Low-Dropout 150mA Linear Regulator
|
Analog Intergrations Corporation
|
AS1356-27-T AS1356-33-T |
Linear Low-Dropout 150mA Voltage Regulators
|
austriamicrosystems AG
|
MAX8867EZK25 MAX8867EZK29-T MAX8868EZK25 |
Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
|
MAXIM - Dallas Semiconductor
|
MAX8891EXKXYT MAX8892EXKT MAX8891EXK33T |
High PSRR, Low-Dropout, 150mA Linear Regulators
|
Maxim Integrated Products
|
MAX8841ELT89T MAX8841ELT29T MAX8841ELT18T MAX8841E |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
|
Maxim Integrated Products
|
SS6730-285CQTR SS6730-285CVTR SS6730-18CQTR SS6730 |
150mA Low-Noise, Low-Dropout Linear Regulator
|
Silicon Standard Corp.
|
EUP7965-25VIR1 EUP7965-18VIR1 EUP7965-15VIR1 EUP79 |
150mA Low-Noise Low-Dropout Linear Regulator
|
Eutech Microelectronics Inc
|