PART |
Description |
Maker |
0315-0-00-34-00-00-03-0 0315-1-00-34-00-00-03-0 03 |
APRINTED CIRCUIT PINS BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, TIN (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, GOLD (20) OVER NICKEL FINISH, PCB TERMINAL BRASS, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
08-50-0028 08-58-0105 08-58-0118 08-58-0187 08-50- |
KK 156 TERM CRP 18-20 AWG TRIFURCON TIN BRASS, TIN (200) OVER COPPER FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Solderless Terminal; Body Material:Brass; Contact Plating:Tin; Series:6838; Wire Size (AWG):20-18; External Depth:0.11"; Lead Pitch:3.96mm; Operating Temp. Min:0 C; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
8301-2-24-21-00-00-01-0 |
BRASS, GOLD (20) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
5102-0-00-21-00-00-03-0 |
BRASS, GOLD (20) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
5102-0-00-15-00-00-03-0 |
BRASS, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
2218-0-15-15-22-27-10-0 |
BRASS, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
1470A-32-5 1471A-9-5 1492C-17-5 1470E-35-5 1470H-1 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
39-00-0330 1560GL |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1560, Male, with Gold (Au) over Nickel Plated Brass Contact, 18-24 AWG, Bag
|
Molex Electronics Ltd.
|
2101-3-0080-00-00-07-0 2821-2-0044-00-00-07-0 2821 |
BRASS, TIN (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, SILVER (300) OVER COPPER FINISH, PCB TERMINAL BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
08-55-0105 08-56-0108 08-50-0108 |
KK 156 TERMINAL CRIMP 22-26 AWG GOLD BRASS, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):26-22; Contact Material:Brass RoHS Compliant: Yes BRASS, GOLD FLASH FINISH, WIRE TERMINAL CRIMP PIN, 22-28AWG PK100 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
ST7S014V4B |
CONTACTING AREA : GOLD OVER NICKEL TERMINAL AREA : GOLD FLASH OVER NICKEL
|
Japan Aviation Electronics Industry, Ltd.
|
|