PART |
Description |
Maker |
S6846 S10053 S6809 |
MOSFET, Switching; VDSS (V): 600; ID (A): 11; Pch : -; RDS (ON) typ. (ohm) @10V: 0.58; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1450; toff (µs) typ: -; Package: LDPAK (S)- (1) Light modulation photo IC 光调制照片集成电
|
Hamamatsu Photonics
|
STU6N60M2 STF6N60M2 STP6N60M2 |
N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in IPAK package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220FP package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package
|
ST Microelectronics
|
IRG4PC50F IRG4PC50F-E |
70 A, 600 V, N-CHANNEL IGBT, TO-247AC 70 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A) 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
STB6N60M2 |
N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in D2PAK package
|
ST Microelectronics
|
STD5N60DM2 |
N-channel 600 V, 1.38 (ohm) typ., 3.5 A MDmesh DM2 Power MOSFET in a DPAK package
|
STMicroelectronics
|
STB28NM60ND |
N-channel 600 V, 0.120 Ohm typ., 24 A FDmesh(TM) II Power MOSFET (with fast diode) in D2PAK package
|
ST Microelectronics
|
STF33N60M2 STW33N60M2 STI33N60M2 STP33N60M2 |
N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
|
STMicroelectronics
|
STFI26NM60N |
N-channel 600 V, 0.135 Ohm typ., 20 A MDmesh(TM) II Power MOSFET in I2PAKFP package N-channel 600 V, 0.135, 20 A MDmesh II Power MOSFET in PAKFP package
|
ST Microelectronics STMicroelectronics
|
STH300NH02L-6 |
N-channel 24 V, 0.95 mOhm typ., 180 A STripFET(TM) Power MOSFET in a H2PAK-6 package Automotive-grade N-channel 24 V, 0.95 typ., 180 A
|
ST Microelectronics STMicroelectronics
|
2N5754 2N5755 2N5756 2N5757 |
2.5-A silicon triac. Voltage(typ) 600 V. 2.5-A silicon triac. Voltage(typ) 400 V. 2.5-A silicon triac. Voltage(typ) 200 V. 2.5-A silicon triac. Voltage(typ) 100 V. 2.5-A Silicon Triacs
|
General Electric Solid State Solid State Optronic N.A.
|