PART |
Description |
Maker |
PIFR5004 PIFR5006 |
50.0 Amp INSULATE FLAG TYPE AUTO PRESSFIT High surge current capability
|
First Components International
|
PFFR3504N PFFR3506P PFFR3504P PFFR3501N PFFR3502N |
35Amp Flag Pressfit 1.0mm LEAD Auto Rectifiers
|
First Components International FCI connector
|
530004-7 |
.156 Centerline (DUO-TYNE Flag); DUO TYNE FLAG TERMINAL ( AMP )
|
Tyco Electronics
|
PTYFR5002-5006 PTYFR5004 |
50.0 Amp Y-LEAD TIN CAN AUTO DIODE 50.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
|
FCI connector First Components Intern...
|
BYFR3502-3506 BYFR3504 BYFR3506 |
35.0 Amp Y-LEAD BLOCK AUTO DIODES 35.0 Amp Y-LEAD BLOCK AUTO DIODES High current capability
|
FCI connector First Components International First Components Intern...
|
RT9801APE RT9801BPE RT9801AGE RT9711CPB RT9711CPBG |
80mΩ, 1.5A/0.6A High-Side Power Switches with Flag 80m惟, 1.5A/0.6A High-Side Power Switches with Flag 80m楼?, 1.5A/0.6A High-Side Power Switches with Flag 80mヘ, 1.5A/0.6A High-Side Power Switches with Flag User Programmable Micro-Power Voltage Detectors
|
Richtek Technology Corporation
|
KIA8159FN |
1.5V Play-Back Stereo Headphone Driver(Built-In Auto-Reverse Pre-AMP,Dual OCL Power AMP,A Ripple Filter)(1.5V 可回放立体声耳机驱动内置自动反向前置放大器,双OCL功率放大器,波纹滤波)
|
KEC Holdings
|
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
PIFR3501 PIFR3506P PIFR3506N PIFR3504P PIFR3504N P |
35Amp Insulate Flag Pressfit Automotive Rectifiers 35Amp Insulate Flag Pressfit 35Amp Insulate Flag Pressfit High Current Capability
|
FCI connector First Components International
|
AD8539 |
Precision Auto-Zero Op Amp
|
Analog Devices
|
0354189002 35418-9002 |
MP-Lock Quick Disconnect with Vibration Support, Flag Type, Metal Strip, Tab 2.79 by 0.50mm (.187 by .020), Pre-Tin Plated
|
Molex Electronics Ltd.
|
35725-2610 0357252610 |
Flag Quick Disconnect, Female, for 14-18 AWG (2.00-0.80mm虏) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032"), Open Barrel Flag, Tin Plating Flag Quick Disconnect, Female, for 14-18 AWG (2.00-0.80mm2) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by .032), Open Barrel Flag, Tin Plating
|
Molex Electronics Ltd.
|