PART |
Description |
Maker |
Z86E3412VSC Z86E4312FSC Z86E4312PSC Z86E4312VSC Z8 |
DIODE TVS 440V 600W BI DO-15 5% DIODE TVS 18V 600W UNIDIR 5% SMB DIODE TVS 20V 600W UNIDIR 5% SMB DIODE TVS 22V 600W BIDIR 5% SMB DIODE TVS 600W 400V UNI 5% SMB DIODE TVS 600W 440V UNI 5% SMB DIODE TVS 600W 480V BIDIR 5% SMB MICROCONTROLLER|8-BIT|Z8 CPU|CMOS|LDCC|28PIN|PLASTIC 单片机| 8位| Z8的CPU |的CMOS | LDCC | 28脚|塑料 MICROCONTROLLER|8-BIT|Z8 CPU|CMOS|SOP|28PIN|PLASTIC 单片机| 8位| Z8的CPU |的CMOS |专科| 28脚|塑料 MICROCONTROLLER|8-BIT|Z8 CPU|CMOS|LDCC|44PIN|PLASTIC 单片机| 8位| Z8的CPU |的CMOS | LDCC | 44PIN |塑料 DIODE TVS 33V 600W UNI-DIR 单片机| 8位| Z8的CPU |的CMOS |专科| 28脚|塑料
|
KEC Holdings Electronic Theatre Controls, Inc. ZiLOG, Inc.
|
ZB2BL4 ZB2BL2 ZB2BV6 ZB2BV3 ZB2BS54 ZB2BW84354 ZB2 |
CONTROL AND SIGNALLING UNITS DIODE TVS 75V 600W BIDIR 5% SMB DIODE TVS 36V 600W BI-DIR SMB 指示灯头 传奇\u0026#39;紧急停止\u0026#39; TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Package/Case:DO-214; Leaded Process Compatible LEGEND PLATE B>1-11 DIODE TVS 9.0V 600W UNI 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:30V; Breakdown Voltage, Vbr:33.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:51V; Breakdown Voltage, Vbr:56.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Breakdown Voltage, Vbr:20V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:22V
|
List of Unclassifed Man... Square D by Schneider Electric
|
BDH50 BDH20 BDH57 |
TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package DIODE TVS 120V 600W BIDIR 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Through Hole 保险
|
Electronic Theatre Controls, Inc.
|
15KP90A 15KPA15C 15KPA12C |
Diode TVS Single Uni-Dir 90V 15KW 2-Pin Case 5A Diode TVS Single Bi-Dir 150V 15KW 2-Pin Case P600 Tape and Ammo Diode TVS Single Bi-Dir 120V 15KW 2-Pin Case P600 T/R
|
New Jersey Semiconductors
|
5KP 5KP56 5KP48 5KP48A 5KP78 5KP78A 5KP78C 5KP78CA |
Diode TVS Single Uni-Dir 7.5V 5KW 2-Pin Case P-6 Diode TVS Single Uni-Dir 51V 5KW 2-Pin Case P-6 Diode TVS Single Uni-Dir 48V 5KW 2-Pin Case P-6 Diode TVS Single Uni-Dir 78V 5KW 2-Pin Case P-6 Diode TVS Single Bi-Dir 78V 5KW 2-Pin Case P-6 Diode TVS Single Bi-Dir 78V 5KW 2-Pin Case P600 T/R Diode TVS Single Uni-Dir 64V 5KW 2-Pin Case P-6 Diode TVS Single Bi-Dir 64V 5KW 2-Pin Case P-6
|
New Jersey Semiconductor
|
30KP90A 30KP320A 30KP360A |
Diode TVS Single Uni-Dir 90V 30KW 2-Pin Case 5A Diode TVS Single Uni-Dir 320V 30KW 2-Pin Case D-6 Diode TVS Single Uni-Dir 360V 30KW 2-Pin Case D-6
|
New Jersey Semiconductors
|
1N6052 1N6056 |
Diode TVS Single Bi-Dir 29V 1.5KW 2-Pin DO-13 Diode TVS Single Bi-Dir 41V 1.5KW 2-Pin DO-13
|
New Jersey Semiconductor
|
SMBG14A SMBG64A SMBG130 SMBG130A SMBG40 SMBG10 SMB |
SURFACE MOUNT 600W TVS
|
Digitron Semiconductors
|
MMBZ20VAL MMBZ5V6AL MMBZ9V1AL MMBZ33VAL MMBZ10VAL |
TVS 6.0V 24W CA UNI-DIR SOT-23 Zener TVSs
|
DIODES INC
|
HC5513BIP HC5513BIM |
TVS 1500W 43V UNIDIRECT SMC Bipolar Transistor; Package/Case:TO-220; Current Rating:7A; Voltage Rating:80V RoHS Compliant: Yes TVS UNI-DIR 40V 1500W SMC
|
Intersil Corporation
|
SMBJ22CA SMBJ17A SMBJ10CA SMBJ30CA SMBJ48A SMBJ48C |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 3-Line to 8-Line Inverting Decoders/Demultiplexers 16-CDIP -55 to 125 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 Miniature, 1W, 1500Vrms Isolated Unregulated DC/DC Converters 7-SOP
|
Diodes, Inc. Microsemi, Corp. Diodes Inc. DIODES[Diodes Incorporated] http://
|