PART |
Description |
Maker |
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
STS4DNF60L 6121 STS4DNF60 |
N-Channel 60V-0.045Ω-4A SO-8 STripFET Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.045Ω- 4A条的SO - 8 STripFET功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.045 - 4A SO-8 STripFET TM POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFP054V |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A?
|
Power MOSFET International Rectifier
|
IRFP064 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
|
IRF[International Rectifier] Power MOSFET
|
5962-8994204QA 5962-8994201XX 5962-8994203QA |
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers 3µs, 12-Bit ADC 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches 多模先进先出
|
Nihon Inter Electronics, Corp.
|
IRFD014 |
Power MOSFET(Vdss=60V/ Rds(on)=0.20ohm/ Id=1.7A) Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A) 60V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STS7NF60L |
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET II POWER MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFETII POWER MOSFET N沟道60V 0.017欧姆- 7.5A的SO - 8封装STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.017 OHM - 7.5A SO-8 STRIPFET II POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
IRF9Z34L IRF9Z34S IRF9Z34STRL IRF9Z34STRR |
-60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-60V/ Rds(on)=0.14ohm/ Id=-18A) Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
|
IRF[International Rectifier]
|
STP45NF06 |
N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFETPOWER MOSFET N沟道60V 0.022ohm - 38A条,220 STripFET⑩功率MOSFET N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET⑩ POWER MOSFET N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET POWER MOSFET N-CHANNEL 60V 0.022 OHM 38A TO-220 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|