PART |
Description |
Maker |
5501 5502 |
Frequency-to-Voltage Converter Voltage-to-Frequency Converter 500 kHz Bandwitch Analog Data Link Modulator / Demodulator
|
Dynamic Measurements Corp.
|
TA7715P E003513 |
FREQUENCY TO VOLTAGE CONVERTER From old datasheet system FREQUENCY-TO-VOLTAGE CONVERTER,BIPOLAR,DIP,16PIN
|
Toshiba.
|
ADM660ARZ-REEL ADM660ARUZ-REEL ADM660ARUZ-REEL7 AD |
CMOS Switched-Capacitor Voltage Converter; Package: SOIC; No of Pins: 8; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO8 CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converter w/ Low Power Shutdown Pin SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDIP8 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
SP9600KN SP9600KS SP9600 SP9600AN SP9600AS SP9600B |
SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Low Power Voltage Output D/A Converter 12-Bit Low Power Voltage Output D/A Converter 12-Bit / Low Power Voltage Output D/A Converter
|
SIPEX[Sipex Corporation]
|
ADVFC32KNZ ADVFC32 |
Low Cost Monolithic Voltage-to-Frequency (V/F) Converter Voltage-to-Frequency and Frequency-to-Voltage Converter
|
Analog Devices
|
ST777 ST777ACD ST777ACN ST778 ST778ACD ST778ACN ST |
LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS FUSE, 3A, FAST ACTING, 0603
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX8686ETL NMA2412SC PXE3024S05 PAH200S48-12/V PAH |
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase DC-DC Converter; Supply Voltage:24V; Output Voltage:12V; Number of Outputs:2; Power Rating:1W; Mounting Type:PC Board; Isolation Voltage:1000V; Leaded Process Compatible:Yes; Output Current: 42mA; Output Current 2:-42mA RoHS Compliant: Yes DC-DC Converter; Supply Voltage:36V; Output Voltage:5V; Number of Outputs:1; Power Rating:30W; Mounting Type:PC Board; Series:PX; Approval Bodies:UL, CSA, CE; External Depth:2"; External Height:0.4"; External Width:1" DC-DC Converter; Supply Voltage:48V; Output Voltage:12V; Number of Outputs:1; Power Rating:200.4W; Mounting Type:PC Board; Series:PAH DC-DC Converter; Supply Voltage:48V; Output Voltage:24V; Number of Outputs:1; Power Rating:50.4W; Mounting Type:PC Board; Series:PAH; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
Maxim Integrated Products Fairchild Semiconductor, Corp.
|
ADM660ARU-REEL7 ANALOGDEVICESINC-ADM660ARU-REEL7 A |
CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
2SC3075 |
TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING/ HIGH SPEED DC-DC CONVERTER APPLICATIONS) Transistor Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching Applications DC-DC Converter Applications DC-AC Converter Applications
|
Toshiba Semiconductor
|
2SC5459 |
Transistor Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching, DC-DC Converter, DC-AC Converter Applications
|
TOSHIBA
|
IP34063 IP33063 IP35063 IP3B3063 IP35063J IP34063N |
Voltage-Mode SMPS Controller DC-DC CONVERTER CONTROL CIRCUIT DC to DC converter SWITCHING CONTROLLER, CDIP8
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. SEMELAB LTD
|
HCD404082 HCD404084 HD404388 HD404384 HD404389 HD4 |
Low-Voltage AS Microcomputers with On-Chip A/D Converter(带片A/D转换器的低压微计算机) 低电压如同在微机芯片A / D转换器(带片上的A / D转换器的低压微计算机 Low-Voltage AS Microcomputers with On-Chip A/D Converter(带片上A/D转换器的低压微计算机) 低电压如同在微机芯片的A / D转换器(带片上的A / D转换器的低压微计算机 Low-Voltage AS Microcomputers with On-Chip A/D Converter(甯??涓?/D杞???ㄧ?浣??寰??绠??)
|
Hitachi,Ltd.
|