PART |
Description |
Maker |
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
EL5111 EL5111IWT-T7 EL5111IWT-T7A EL5111IWTZ-T7 EL |
Intersil 60MHz Rail-to-Rail Input-Output Op Amps 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps DUAL OP-AMP, 15000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps 4 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
LT1494 LT1494CN8 LT1494IMS8 LT1494CMS8 LT1494CS8 L |
1.5盗 Max, Precision Rail-to-Rail Input and Output Op Amp 1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
SSM2275 SSM2275P SSM2275RM SSM2275S SSM2475 SSM247 |
Dual, Rail-to-Rail Output Audio Amplifier Single Audio Amplifier (SSM2475 / SSM2275) Rail-to-Rail Output Audio Amplifiers
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices] http://
|
LT1638 LT1638CMS8 LT1638CN8 LT1638CS8 LT1638IN8 LT |
1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps DUAL OP-AMP, 1250 uV OFFSET-MAX, 1.2 MHz BAND WIDTH, PDSO8 1.2MHz/ 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT1810 LT1806 LT1807 |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps Dual 325MHz, Rail-to-Rail Input and Output, Low DistortionPrecision Op Amp
|
Linear Technology
|
NJU7036 NJU7036E NJU7036SE3 |
High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
|
New Japan Radio
|
EL5223CL EL5223CR EL5323CL EL5323CR EL5123C EL5123 |
12MHz, 4-,8-,10-,12-channel rail to rail input-output buffer Product Brief 12MHz 4- 8- 10- & 12-Channel Rail-to-Rail Input-Output Buffers Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers 产品简2MHz4 - - 0 -
|
ELANTEC[Elantec Semiconductor] Crystek, Corp.
|
AD8567 AD8567ACP AD8567ARU AD8565AKS AD8566 AD8565 |
16 V Rail-to-Rail Operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 16 V Rail-to-Rail Operational Amplifiers 16 V的轨到轨运算放大
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4230AXKT MAX4232AKAT MAX423011 |
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 DUAL OP-AMP, 8000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8
|
http:// Maxim Integrated Products, Inc.
|