PART |
Description |
Maker |
MAC2238FP MAC2288FP Q4015L5 SC245D5 T0505NH SC245B |
600 V, 25 A, TRIAC, TO-220AB 600 V, 8 A, TRIAC, TO-220AB 400 V, 15 A, TRIAC, TO-220AB 400 V, 10 A, TRIAC 800 V, 5 A, TRIAC, TO-220AB 200 V, 10 A, TRIAC 600 V, 15 A, TRIAC, TO-220AB 600 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 5 A, TRIAC, TO-220AB 400 V, 15 A, TRIAC, TO-48 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 200 V, 15 A, TRIAC, TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 400 V, 8 A, TRIAC, TO-220AB 400 V, 12 A, TRIAC, TO-220AB
|
Semitronics, Corp.
|
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MAC229A8-AU MAC229A8-AC MAC229A8-BC MAC229A6-BC MA |
600 V, 8 A, TRIAC, TO-220AB 400 V, 8 A, TRIAC, TO-220AB
|
MOTOROLA INC
|
BCR12PM-12L BCR12PM-12LA BCR12PM-12LA-A8 |
600 V, 12 A, TRIAC, TO-220AB TO-220F, 3 PIN Triac Medium Power Use
|
Vishay Intertechnology, Inc. Renesas Electronics Corporation
|
BCR10CM-12LA BCR10CM-12LA-A8 |
600 V, 10 A, TRIAC, TO-220AB Triac Medium Power Use
|
Renesas Electronics Corporation
|
Q6004L4V Q6008L5V Q6015L5V Q6004L3V Q6010L5V Q5008 |
TRIAC|600V V(DRM)|4A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|15A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|10A I(T)RMS|TO-220AB TRIAC|500V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 500V五(DRM)的| 8A条口(T)的有效值| TO - 220AB现有 TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 800V的五(DRM)的| 8A条口T)的有效值| TO - 220AB现有 TRIAC|400V V(DRM)|4A I(T)RMS|TO-220AB 可控硅| 400V五(DRM)的| 4A条口(T)的有效值| TO - 220AB现有
|
Teridian Semiconductor, Corp. Littelfuse, Inc.
|
CQ220-16NFP |
16 AMP TRIAC 600 THRU 800 VOLTS 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp.
|
MAC9M-BA |
600 V, 8 A, TRIAC, TO-220AB
|
MOTOROLA INC
|
BTB20-400CW/F3 BTA20-600BW/F5 BTA20-700BW/F5 |
400 V, 20 A, SNUBBERLESS TRIAC, TO-220 600 V, 20 A, SNUBBERLESS TRIAC, TO-220AB 700 V, 20 A, SNUBBERLESS TRIAC, TO-220
|
STMICROELECTRONICS
|
|