PART |
Description |
Maker |
ISL6142 ISL6142CBZA |
Negative Voltage Hot Plug Controller
|
Intersil Corporation
|
ISL6140IBZ-T ISL6140CBZ ISL6140CBZ-T |
Negative Voltage Hot Plug Controller
|
Intersil Corporation
|
LTC4252-2 LTC4252-1 425212F LTC4252-1IMS8 LTC4252- |
TRANS ARRAY PNP/PNP SS MINI-6P Negative Voltage Hot Swap Controllers TRANS ARRAY NPN/NPN SSMINI-6 From old datasheet system Negative Voltage Hot Swap Controller w/ Latch Off Negative Voltage Hot Swap Controller w/ Auto Retry
|
Linear Technology Corporation
|
X24042 X24042P X24042P-2.7 X24042P-3 X24042PI X240 |
4K (512 x 8bit) serial E2PROM Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High
|
XICOR[Xicor Inc.]
|
MC34653EF_R2 MCZ34653EF_R2 34653 |
1.0 A Negative Voltage Hot Swap Controller
|
FREESCALE[Freescale Semiconductor, Inc]
|
LT1640AL LTC1642 LT4250 LTC4220 LT1641-1 LT1641-2 |
Negative Voltage Hot Swap Controllers
|
Linear Technology
|
MCZ34653EF/R2 MC34653EF/R2 |
1.0 A Negative Voltage Hot Swap Controller
|
Freescale Semiconductor, Inc
|
IP3R17AK-05 IP3R17AK-12 IP3R17AK-15 IP1R1705-G IP1 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No 3 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5 V FIXED NEGATIVE REGULATOR, MBFM2 GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT BEIGE 12 V FIXED NEGATIVE REGULATOR, MBFM2 3 AMP Fixed Negative Voltage Regulator(3 A 12V负稳压器) Analog IC Negative Fixed Voltage Regulator 负固定电压稳压器
|
SEMELAB LTD TT electronics Semelab, Ltd. Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB] NXP Semiconductors N.V.
|
421412I LTC4214 |
From old datasheet system -6V to -16V, MSOP, Negative Voltage Hot Swap Controller
|
Linear
|
PJ7912CI PJ7912CZ PJ7925CZ PJ7900 PJ7900CI PJ7900C |
-12V Negative output voltage regulators -18V Negative output voltage regulators -9V Negative output voltage regulators -8V Negative output voltage regulators -6V Negative output voltage regulators -5V Negative output voltage regulators 15 V FIXED NEGATIVE REGULATOR, PSFM3 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:32; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 三端负输出电压调节器 GT 4C 4#8 SKT RECP 三端负输出电压调节器 GT 3C 3#12 SKT RECP LINE 三端负输出电压调节器 3-Terminal Negative Output Voltage Regulators 三端负输出电压调节器 From old datasheet system
|
Electronic Theatre Controls, Inc. HIROSE ELECTRIC Co., Ltd. Promax-Johnton ETC[ETC] List of Unclassifed Manufacturers
|
LT1640 LT1640H LT1640HCN8 LT1640HCS8 LT1640HIN8 LT |
Negative Voltage Hot Swap Controller 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT1640ALIS8 LT1640AHCN8 LT1640ALIN8 LT1640AHIS8 LT |
Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|