PART |
Description |
Maker |
PS7360 PS7360L-1A PS7360-1A |
HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
|
NEC[NEC]
|
PS7342-1A PS7342L-1A PS7342L-1A-E3 PS7342L-1A-E4 |
6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6-PIN DIP HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
|
NEC Corp. NEC[NEC]
|
S2D01R S2D15R S2D00R S2D02R S2D03R S2D04R S2D05R S |
2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
|
Minmax Technology Co., ... MINMAX[Minmax Technology Co., Ltd.]
|
A104EHI A107EHI A113EHI A106EHI |
Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
|
MicroPower Direct, LLC
|
DJ06D4812A DJ06D4815A DJ06S2412A DJ06S2415A DH06S2 |
6W DC/DC CONVERTER, DIP-Package, High Isolation 6W DC/DC CONVERTER, DIP-Package, High Isolation
|
Delta Electronics, Inc.
|
DA03D0303A DA04D1203A DA01D1203A DA02D1203A DA03D1 |
1W DC/DC CONVERTER, DIP-Package, High Isolation 1W DC/DC CONVERTER, DIP-Package, High Isolation
|
Delta Electronics, Inc.
|
MHI312S-12ARI6 MHI312D-12ARI6 MHI312D-15ARI6 MHI31 |
Compact, 3W DIP Ultra-High Isolation DC/DC Converters Compact, 3W DIP Ultra-High Isolation DC/DC Converters
|
MicroPower Direct, LLC
|
PS7141L-1B-E3-A PS7141L-1B PS7141L-1B-A PS7141L-1B |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-CH, 2-CH OPTICAL COUPLED MOS FET
|
California Eastern Laboratories CEL[California Eastern Labs]
|
HCPL-7800AOPTION300 HCPL-7800BOPTION300 HCPL-7800A |
ISOLATION AMPLIFIER, 3750 V ISOLATION-MIN, 85 kHz BAND WIDTH, PDSO8 High CMR Isolation Amplifiers 高CMR隔离放大
|
Amphenol, Corp. Agilent Technologies, Inc. Avago Technologies, Ltd.
|
PD25 PD26 PD24 PS56 PS85 PS88 PS58 PS87 PS560 PS58 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead PDIP 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free 28-Lead SOIC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged Half Bridge Driver, SoftTurn-On, Low Side Inverting Input, Separate High and Low Side Input, 500ns Deadtime in a 8-pin DIP package; A IR2183 packaged 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead SOIC 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21367 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a Lead-Free 8-Lead Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead SOIC High and Low Side Driver in a 14-pin DIP package; A IR2010 packaged in a Lead-Free 16-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a 8-Lead SOIC and Power Ground, Programmable Deadtime in a 14-pin DIP package; A IR21834 packaged in a 14-Lead PDIP Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead PDIP High voltage, high speed power MOSFET and IGBT driver with three independent high side and low side referenced output channels and with DC Bus Single High Side Driver, Noninverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2127 Analog IC 模拟IC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC shipped on Tape and Reel 模拟IC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 16-Lead SOIC shipped on Tape and Reel
|
Lattice Semiconductor, Corp.
|
PS7142-1C PS7142L-1C PS7142L-1C-E3 PS7142L-1C-E4 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8-PIN DIP 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET Optical Coupled MOS FET Photocoupler(MOS 场效应管输出光光隔离器) 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET 8引脚DIP00伏电压分解,转移2型通道光学耦合场效应晶体管
|
NEC[NEC] NEC Corp. NEC, Corp.
|
|