PART |
Description |
Maker |
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
FDB10AN06A0 FDP10AN06A0 |
CAP 0.1UF 50V 5% X7R SMD-1206 TR-7-PA SN100 N-Channel PowerTrench MOSFET 60V/ 75A/ 10.5m N-Channel PowerTrench MOSFET 60V, 75A, 10.5mз N-Channel PowerTrench MOSFET 60V, 75A, 10.5mOhm
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
STD35NF06 |
N-CHANNEL 60V 0.018 OHM 55A - DPAK - STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFETII MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFET⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FQD30N06 FQU30N06 FQD20N06 FQU20N06 FQD30N06TF |
60V N-Channel QFET 60V N-Channel MOSFET 22.7 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
STB16NF06L STB16NF06L06 |
N-channel 60V - 0.07Ω - 16A - D2PAK STripFET Power MOSFET N-channel 60V - 0.07楼? - 16A - D2PAK STripFET垄芒 Power MOSFET N-channel 60V - 0.07ヘ - 16A - D2PAK STripFET⑩ Power MOSFET
|
STMicroelectronics
|
FS5VSJ06 FS30UMJ06 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)| TO - 220AB现有
|
Powerex, Inc.
|
IRFM044 |
60V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 60V, N-CHANNEL
|
International Rectifier
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
IRCZ34 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
|
International Rectifier
|
IRFP048 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
|
International Rectifier Power MOSFET
|