PART |
Description |
Maker |
FDB2572 FDP2572 FDB2572NL |
N-Channel PowerTrench MOSFET 150V, 29A, 54mз 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 150V N-Channel UltraFET Trench MOSFET 29A, 0.056 Ohms @ VGS = 10V, TO-263/D2PAK Package 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 150V/ 29A/ 54m N-Channel PowerTrench MOSFET 150V, 29A, 54m蟹 N-Channel PowerTrench MOSFET 150V, 29A, 54m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDI2532 FDP2532 FDB2532 FDP2532NL |
N-Channel PowerTrench MOSFET 150V, 79A, 16m?/a> 150V Channel UltraFET Trench MOSFET N-Channel PowerTrench MOSFET 150V, 79A, 16mOhm N-Channel PowerTrench MOSFET 150V, 79A, 16mз N-Channel PowerTrench MOSFET 150V/ 79A/ 16m
|
FAIRCHILD[Fairchild Semiconductor]
|
FQAF46N15 |
150V N-Channel MOSFET 150V N - CHANNEL MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 33.5A I(D) | TO-247VAR
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFB23N15 IRFSL23N15D IRFB23N15DPBF IRFS23N15D |
Power MOSFET(Vdss=150V/ Rds(on)max=0.090ohm/ Id=23A) 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
FQU5N15 FQD5N15 FQD5N15TF FQD5N15TM |
150V N-Channel QFET 150V N-Channel MOSFET 4.3 A, 150 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDP2570 FDB2570 |
150V N-Channel PowerTrench MOSFET 22 A, 150 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 150V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFIB41N15D IRFSL41N15D IRFB41N15D IRFS41N15D IRFI |
150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 150V Single N-Channel HEXFET Power MOSFET in a TO-220 Full-Pak(Iso)
|
IRF[International Rectifier]
|
FQPF45N15V2 FQP45N15V2 |
150V N-Channel Advanced QFET V2 series 150V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDMS2572 FDMS257207 |
N-Channel UltraFET Trench? MOSFET 150V, 27A, 47m N-Channel UltraFET Trench㈢ MOSFET 150V, 27A, 47mз
|
FAIRCHILD[Fairchild Semiconductor]
|
STB40NS15 7325 STB40NS15T4 |
N-CHANNEL 150V - 0.042ohm - 40A D2PAK MESH OVERLAY MOSFET N-CHANNEL 150V - 0.042ohm - 40A D2PAK MESH OVERLAY⑩ MOSFET From old datasheet system N-CHANNEL 150V 0.042 OHM 40A D2PAK MESH OVERLAY MOSFET N-CHANNEL 150V 0.042 OHM 40A D2PAK MESH OVERLAY MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQB6N15 FQI6N15 FQI6N15TU FQB6N15TM |
150V N-Channel QFET 150V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|