PART |
Description |
Maker |
AD1861R-J-REEL7 AD1851R-REEL7 AD1851RZ-J AD1851R-J |
16-Bit/18-Bit, 16 X Fs PCM Audio DACs 16-Bit/18-Bit6 X Fs的PCM音频数模转换 16-Bit/18-Bit/ 16 X Fs PCM Audio DACs LBS Series Full Extension Ball Bearing Slide, with Lock Out RoHS Compliant: Yes CONNECTOR ACCESSORY 16-Bit/18-Bit, 16 3 FS PCM Audio DACs
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
BC807-16-7 BC807-25-7 BC807-40-7 BC807 BC807-40 BC |
PNP SURFACE MOUNT TRANSISTOR SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO, BusTrace, AUD BP-112; Vcc= 3.0 to 5.5 volts, Temp= -20 to 85 C; Package: PLBG0112GA-A
|
http:// DIODES[Diodes Incorporated] Diodes Inc.
|
AD1851 AD1851N AD1851N-J AD1851R AD1851R-J AD1861 |
16-Bit/18-Bit 16 X Fs PCM Audio DACs 16-Bit/18-Bit, 16 X Fs PCM Audio DACs
|
AD[Analog Devices]
|
MC145483 |
3V 13-Bit Linear PCM Codec-Filter MC145483 3 V 13-Bit Linear PCM Codec-Filter
|
Motorola, Inc.
|
MC145482 |
5 V 13-Bit Linear PCM Codec-Filter
|
Motorola, Inc.
|
MC145482 MC145482DW MC145482SD |
5V 13-BIT LINEAR PCM CODEC-FILTER 5 V 13-Bit Linear PCM Codec-Filter
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
PA5144 |
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
|
Protek Devices
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
CS61581-IL |
High Bandwidth CMOS 12-Bit Serial Interface Multiplying D/A Converter DATACOM, PCM TRANSCEIVER, PQCC28
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
AD7536 AD7536AD AD7536AQ AD7536BD AD7536BQ AD7536J |
14-Bit, Multiplying Iout, 8-bit bus Low-Power, Serial 12-Bit Sampling Analog-To-Digital Converter 16-SOIC -40 to 85 LC2MOS 14-BIT uP-COMPATIBLE DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
AD[Analog Devices] Analog Devices, Inc.
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
W25X80 W25X40 W25X40LSSCG W25X40LSSCZ W25X40LSSI W |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|