PART |
Description |
Maker |
1N2133AR 1N2138AR 1N2137AR 1N2135A |
DEVICE HIGH POWER STANDARD
|
America Semiconductor, LLC America Semiconductor, ...
|
ICS97U2A845A ICS97U2A845AHLF-T |
Double the drive of the standard 97U877 device 1.8V Low-Power Wide-Range Frequency Clock Driver
|
Integrated Device Techn... Integrated Circuit Systems
|
WSL06035L000DBA18 WSL06035L000DEA18 WSL06035L000DE |
Power Metal Strip? Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount Power Metal Strip庐 Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 惟), Surface Mount Power Metal Strip垄莽 Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 楼?), Surface Mount Power Metal Strip㈢ Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 ヘ), Surface Mount
|
http:// Vishay Siliconix
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
SBH52414G SBH51414G SBH52414N SBH52414Z SBH51414N |
High Power BIDI Optical Standard Module 1310 nm Emitting/ 1550 nm Receiving High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving AC Series Door Switch, Single Pole Double Throw Circuitry, 10 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination
|
http:// INFINEON[Infineon Technologies AG]
|
TPD4135K |
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
|
Toshiba Semiconductor
|
TPD4131K |
TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
|
Toshiba Semiconductor
|
D9853 |
High Power RF Device
|
Werlatone
|
BUL72A |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
BUL741 |
The device is manufactured using high voltage Multi-Epitaxial Planar technology for high switching s High voltage fast-switching NPN Power Transistor
|
ST Microelectronics, Inc. STMicroelectronics
|
HVR-1X-3 HVR-1X-4 HVR-1X3 UX-FOB 2CL2F 2CL2G 2CL2H |
High Voltage Power Dioes Standard and Ultra Recovery 高压电源Dioes标准和超恢复 High Voltage Dioes Standard AND Ultra-FAST Recovery 高压Dioes标准和超快恢
|
HV Component ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|