PART |
Description |
Maker |
187-019 187-029 |
Vinyl Dust Caps
|
Glenair, Inc.
|
L-11-10-P |
11-2S-P thru 13-500-P Ring Tongue, Vinyl Insulated, Butted Seam
|
Analog Devices
|
1301120101 |
100W Guard Open-End with Reflector Yellow Vinyl Coating
|
Molex Electronics Ltd.
|
50232-3613 0502323613 |
Ring Tongue Terminal for 10 and 12 AWG, Closed Insulated Vinyl Flared Barrel,Yellow, Stud Size 5/16" (M8), Oxygen-Free Copper, Length 34.90mm (1.374") Ring Tongue Terminal for 10 and 12 AWG, Closed Insulated Vinyl Flared Barrel,Yellow, Stud Size 5/16 (M8), Oxygen-Free Copper, Length 34.90mm (1.374)
|
Molex Electronics Ltd.
|
EE13-K-V-10P-SW EE13-KV-10P-SW |
BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
|
FERYSTER Inductive Components Manufacturer FERYSTER Inductive Comp...
|
EE13-K-H-8P-SW EE13-KH-8P-SW |
BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
|
FERYSTER Inductive Components Manufacturer FERYSTER Inductive Comp...
|
50232-3573 0502323573 |
Ring Tongue Terminal for 10 and 12 AWG, Closed Insulated Vinyl Flared BarrelYellow, Stud Size 10 (M5), Oxygen-Free Copper, Length 26.60mm (1.047), Width7.10mm (.280)
|
Molex Electronics Ltd.
|
OBUD-TOR-V-14X17.5-TBI |
BOBBIN MATERIAL: PPS PIN MATERIAL: CP WIRE
|
FERYSTER Inductive Components Manufacturer
|
SMT-0825-T-R |
1CHANGED MATERIAL & TERMINAL MATERIAL
|
Projects Unlimited, Inc.
|
BYW81P BYW81P200 BYW81P-200 BYW81PI BYW81PI200 BYW |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.1pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes ; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Capacitance:55pF/ft; Conductor Material:Copper; Outer Diameter:0.131" RoHS Compliant: Yes 高效快速恢复整流二极管
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. ST Microelectronics
|
M48T212Y-85MH6 M48T212Y-85MH1TR M48T212Y-70MH1 M48 |
Shielded Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Temperature Max:80 C RoHS Compliant: Yes 5V/3.3V TIMEKEEPER[ CONTROLLER 5V/3.3V计时[控制
|
意法半导 STMicroelectronics N.V.
|