PART |
Description |
Maker |
SI1406DH-T1 |
Trans MOSFET N-CH 20V 3.1A 6-Pin SC-70 T/R
|
Vishay Siliconix
|
SI7980DP-T1-E3 SI7980DP-T1-GE3 |
TRANSISTOR 8.8 A, 20 V, 0.022 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, ROHS COMPLIANT, LEADLESS, POWERPAK, SOP-8, FET General Purpose Power Trans MOSFET N-CH 20V 8.8A/11A 8-Pin PowerPAK SO T/R
|
Vishay Siliconix
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
MRF6522-60 MRF6522-70 |
Trans RF MOSFET N-CH 60V 7A 3-Pin Case 360B-04 Trans RF MOSFET N-CH 65V 7A 3-Pin NI-600
|
New Jersey Semiconductors
|
2N2578 2N2577 2N2579 |
Trans GP BJT NPN 20V 3-Pin TO-18 Box
|
New Jersey Semiconductor
|
IRF730ASTRRPBF IRF730STRL F730ALPBF |
Trans MOSFET N-CH 400V 5.5A 3-Pin(2 Tab) D2PAK T/R Trans MOSFET N-CH 400V 5.5A 3-Pin(2 Tab) TO-263AB T/R Trans MOSFET N-CH 400V 5.5A 3-Pin(3 Tab) TO-262
|
Vishay Siliconix
|
EMH2604 |
Power MOSFET, 20V, 4A, 45mOhm, -20V, -3A, 85mOhm, Complementary Dual EMH8
|
ON Semiconductor
|
IRF7401 IRF7402 IRF7401TR |
20V Single N-Channel HEXFET Power MOSFET in a SO-8 package HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)=0.022ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.022ohm)
|
IRF[International Rectifier]
|
IRL5NJ7404 2281 |
-20V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package HEXFET? POWER MOSFET From old datasheet system HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 20V, P-CHANNEL
|
IRF[International Rectifier]
|
SL1222101-A SL1222101-B |
TRANS,WALL,24VDC/400mA,F2, 2.1mm x 5.5mm,UL 50/cs 电路保护热敏电阻 TRANS,WALL,24VDC/500mA,F1 2.1mmX5.5mm,UL TRANS,WALL,18VDC/1A,F2,2.5X5.5 ,2 PRNG AC,LIN NON-REG
|
Ametherm, Inc.
|
SI7964DP SI7964DP-T1-E3 |
Dual N-Channel 60-V (D-S) MOSFET Trans MOSFET N-CH 60V 6.1A 8-Pin PowerPAK SO T/R
|
Vishay Siliconix
|