PART |
Description |
Maker |
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
BLM21B601SPT BLM21B601SPT1 BLM11B601SPT BLM10B421S |
EMI FILTER FERRITE BEAD 600 OHM@100MHZ 200MA SMD 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP EIA STD PACKAGE SIZE 0805 FERRITE BEAD, 0603, 600 MHZ, 200MA 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
813-SL109.5M-20A |
109.5 MHz IF SAW Filter 20.3 MHz Bandwidth
|
Oscilent Corporation
|
XF-107A XF-9NB XF-9B11 XF-9B10 XF-9B01 |
10.7 MHz Standard Series Discrete Crystal Filter(10.7 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 10.7 MHz, 6 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 9 MHz, 0.125 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 8.9985 MHz, 0.6 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 9 MHz, 0.6 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz???????f?浣?护娉㈠?)
|
Vectron International, Inc.
|
TFS70H31 TFS70H47 TFS70H39 TFS70H410 TFS70H34 |
1 FUNCTIONS, 70 MHz, SAW FILTER
|
VECTRON INTERNATIONAL
|
AFS139.0W01-ND01 |
1 FUNCTIONS, 139 MHz, SAW FILTER
|
ABRACON CORP
|
AFS815.5W01-TS4 |
1 FUNCTIONS, 815.5 MHz, SAW FILTER
|
ABRACON CORP
|
FAR-F5CP-881M50-D22E |
1 FUNCTIONS, 881.5 MHz, SAW FILTER
|
FUJITSU LTD
|
TMXW520 |
1 FUNCTIONS, 456 MHz, SAW FILTER
|
TEMEX COMPONENTS
|
SF0915BA02531S |
1 FUNCTIONS, 915 MHz, SAW FILTER
|
INTEGRATED DEVICE TECHNOLOGY INC
|
B39841-B4690-Z610 |
1 FUNCTIONS, 836.5 MHz, SAW FILTER
|
EPCOS AG
|
|