PART |
Description |
Maker |
MIHW300011 MIHW3047 MIHW3022 MIHW3023 |
DC/DC CONVERTER 6W, Reinforced Insulation, Medical Safety
|
Minmax Technology Co., Ltd.
|
PC123SJ0000F PC123Y2J000F PC123YSJ000F PC123Y5J000 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, DIP-4 DIP 4pin Reinforced Insulation Type Photocoupler DIP 4pin Reinforced Insulation Type Photocoupler
|
Sharp Microelectronics of the Americas Sharp Electronics, Corp. Sharp Electrionic Components Sharp Electrionic Compo...
|
MIHW1007 MIHW1002 |
Reinforced Insulation rated for 300VAC Working Voltage
|
Total Power Internation...
|
XF0013-81 XF6006-11 XF0013-31 XF0013-21 XF0013-61 |
T1/CEPT/ISDN-PRI TRANSFORMERS Reinforced Insulation, 3 KVrms
|
XFMRS Inc.
|
AQW610EHAZ AQW610EHAX AQW612EHA AQW612EHAX AQW614E |
Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
|
Panasonic Semiconductor
|
PM-IS30 PM-IS31 PM-IS32 PM-IS33 PM-IS34 PM-IS35 PM |
T1/CEPT/ISDN-PRI 3KV - REINFORCED THRU-HOLE TRANSFORMERS
|
Premier Magnetics, Inc.
|
TC704 |
Kocetal TC704 is Mineral reinforced grade for good dimensional stability.
|
List of Unclassifed Manufacturers
|
CPHS-FRM9D-6S-8P |
Liquid crystal polymer (LCP), glass reinforced, flame retardant in accordance with 隆掳UL 94V-0隆卤; UL file number E54705(M) Liquid crystal polymer (LCP), glass reinforced, flame retardant in accordance with “UL 94V-0? UL file number E54705(M)
|
Ferroxcube International Holding B.V.
|
GILLFAB1367A GILLFAB1076A GILLFAB1366 GILLFAB1367C |
a light weight, high impact resistant, low smoke and toxicity, fiberglass reinforced phenolic laminate 重量轻,耐冲击,低烟雾和毒性,玻璃纤维增强酚醛层压
|
Electronic Theatre Controls, Inc.
|
PC3SF21YVZ PC3SF21YVZAF PC3SF21YXP PC3SF21YTZ PC3S |
VDRM : 600V, Reinforced insulation type Zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Electrionic Components Sharp Electrionic Compo...
|