PART |
Description |
Maker |
B0110A7575P00 B0810A7575P00 B0922A7575P00 B0826A75 |
Ultra Small Low Profile 0603 Balun 50ヘ to 200ヘ Balanced Ultra Small Low Profile 0603 Balun 50楼? to 200楼? Balanced Ultra Small Low Profile 0603 Balun 50惟 to 200惟 Balanced Ultra Small Low Profile 0603 Balun 50Ω to 200Ω Balanced
|
Anaren Microwave http://
|
LR1107L-XX-AE3-3-R LR1107EG-XX-AF5-R LR1107EL-XX-A |
600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
|
Unisonic Technologies
|
BD3150L50100A00 |
Ultra Small Low Profile 0603 Balun 50Ω to 100Ω Balanced Ultra Small Low Profile 0603 Balun 50ヘ to 100ヘ Balanced
|
Anaren Microwave
|
G5017 |
Ultra Small, Low Input Voltage, Low RON, Load Switch
|
Global Mixed-mode Techn...
|
PS7802-1A-F4 PS7802-1A PS7802 PS7802-1A-F3 PS78021 |
邻舍4针超小型平引脚,低输出电1通道光学耦合MOSFET A6595 SOIC LED Driver IC; Driver Type:LED; Package/Case:16-QFN; Leaded Process Compatible:Yes; No. of Drivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Current Max:150mA; Output Current Min:10mA; Output Voltage Max:3V RoHS Compliant: Yes 1.3 OHM SERIAL INPUT DMOS DRIVER NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC Corp. NEC[NEC]
|
MAX4389 MAX4389EUT-T MAX4389EXT-T MAX4390 MAX4390E |
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable 1 CHANNEL, VIDEO AMPLIFIER, PDSO6 Ultra-Small / Low-Cost / 85MHz Op Amps with Rail-to-Rail Outputs and Disable
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TB0193A |
Low Loss 70MHz SAW IF Filter (BW=7MHz)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
DSC6112JI2A-100.0000 DSC6121CI2A-001A |
Ultra-Small, Ultra-Low Power MEMS Oscillator
|
Microchip Technology
|
BAS116LP3-7 |
ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
|
Diodes Incorporated
|
IXD5120 |
Ultra Small, Low Power Consumption Voltage Detector
|
Zilog, Inc.
|
PMEG3010BEV PMEG3010BEA PMEG4010BEV PMEG4010BEA PM |
1 A very low Vf MEGA Schottky barrier rectifier in ultra small SOT666 and in very small SOD323 (SC-76) package 1 A very low VF MEGA Schottky barrier rectifier 1安很低正向压降MEGA肖特基势垒整流器
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|