PART |
Description |
Maker |
MEA1D1512SC MEA1D1215SC MEA1D1212SC MEA1D1505SC ME |
1kVDC Isolated 1W Dual Output DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
MEA1D0505DC MEA1D0509DC MEA1D0512DC MEA1D0515DC ME |
1kVDC Isolated 1W Dual Output DC/DC Converters 1kVDC Isolated 1W Dual Output DC/DC Converters
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
MEE3S0509SC MEE3S0512SC MEE3S0515SC MEE3S1209SC ME |
1kVDC Isolated 3W Single Output DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
GBPC1210 GBPC2501 GBPC35005 GBPC3510 GBPC25005 GBP |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 3 A, Wide Input Non-Isolated, Wide Negative Output Adjust Module 7-DIP MODULE -40 to 85 Glass Passivated Single-Phase Bridge Rectifier(钝化玻璃单相桥整流器) 玻璃钝化单相桥式整流器(钝化玻璃单相桥整流器 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 3 A, Wide Input Non-Isolated, Wide Output Adjust Module 7-DIP MODULE -40 to 85 玻璃钝化单相桥式整流 6-W, 3.3/5-V Input, Wide Adjust Output Positive-to-Negative Converter 5-DIP MODULE 0.8 to 1.8 V 16-A, 12-V Input, Non-Isolated Wide-Adjust SIP Module 12-SIP MODULE -40 to 85 6-A Wide-Input Voltage Adjustable Switching Regulator 7-DIP MODULE -40 to 85 50-A, 8-V to 14-V Input, Non-Isolated, Wide-Output Adjust, Vertical Power Module 21-DIP MODULE -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes) Isolated Flyback Switching Regulator with 9V Output
|
GE Security, Inc. Pan Jit International Inc. GE[General Semiconductor]
|
P6LU-243R3ZH40 P6LU P6LU-0505ZH40 P6LU-0512ZH40 P6 |
Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-15V ( /-34mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output 4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 4kV的隔1W的未稳压双输出SIP7
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
KIA6283K |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
TA8044AF |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 3.3 / 5V的双电压调节器,带有看门狗定时器 3.3V / 5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMER
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
P6LU-XXXXZ P6LU-0505Z P6LU-053R3Z P6LU-1205Z P6LU- |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 3KV isolated 1W unregulated dual output 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 千伏隔震1W的未稳压双输出SIP7
|
PEAK[PEAK electronics GmbH]
|
AD10226/PCB AD10226AB AD10226-15 |
Dual Channel, 12-Bit 125 MSPS IF Sampling A/D Converter ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
|
Analog Devices, Inc.
|
PHD32UYY PHD32UDD PHD32UDC PHD32UDB PHD32VDB PHD32 |
PHD32 Series . 32A Non-Isolated DC/DC Converter 5V/ 3.3V Input Dual Output PHD32 Series . 32A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output Reed Switch; Pull-In Amp Turns Max:19; Pull-In Amp Turns Min:10; Circuitry:SPST-NO; Switching Current Max:0.5A; Switching Voltage Max:180VDC; Mounting Type:PCB; Body Length:13.5mm; Breakdown Voltage Min:180V PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V3.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输
|
POWER-ONE[Power-One] Motorola Mobility Holdings, Inc. AME, Inc. Electronic Theatre Controls, Inc. Hitachi,Ltd.
|
AD14060L AD14060BF-4 AD14060LBF-4 5962-9750701HXC |
Quad-SHARC DSP Multiprocessor Family ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 四SHARC处理器DSP的多处理器家 Quad-SHARC DSP Multiprocessor Family 48-BIT, 40 MHz, OTHER DSP, CQFP308 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86%
|
ANALOG DEVICES INC Analog Devices, Inc.
|
RP75-482.5S RP75-483.3S RP75-481.8S RP75-4805S RP7 |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单 75 Watt Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|