PART |
Description |
Maker |
IRU1205-18CL IRU1205-XX IRU1205 IRU1205CL IRU1205- |
CAP, ELYTC 1000MF 10V 20% 300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS 300mA的超低差型阳性可调和固定调节 0.3A Fixed LDO Linear Regulator in a SOT-23 5-Leads package 0.3A Adj LDO Linear Regulator in a SOT-23 5-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
AM26LS31IN AM26LS31ID AM26LS31ID-T AM26LS31/BFA AM |
Micropower Inverting DC/DC Converters in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C Line Driver 线路驱动
|
ON Semiconductor
|
AT49BV002AT AT49BV002A AT49BV002AN AT49BV002ANT AT |
LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
EDI7P040FLE2402C15 EDI7P048FLE2402C15 EDI7P024FLE2 |
1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 250MHz Differential Line Receivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Peripheral Miscellaneous Flash Memory Card 8 MB Through 64 MB (AMD Based)(8M字节-64M字节闪速存储器卡(基于AMD 450MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 670MHz Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 周边杂项 Super Sync Separator; Temperature Range: 0°C to 70°C; Package: 24-QSOP T&R 周边杂项 350MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 250MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 周边杂项 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
Bourns, Inc. Sumida, Corp. Vicor, Corp. Vishay Intertechnology, Inc. 3M Company Sanyo Electric Co., Ltd.
|
LTC1517-3.3 LTC1517CS5-3.3TR LTC1517ES5-3.3 LTC151 |
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO5 Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Integrated Syste... Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1981ES5TRMPBF |
Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
LTC6910-3ITS8TR |
Digitally Controlled Programmable Gain Amplifiers in SOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C SPECIALTY ANALOG CIRCUIT, PDSO8
|
Linear Technology, Corp.
|
LTC6910-1ITS8TR LTC6910-1-15 |
Digitally Controlled Programmable Gain Amplifiers in SOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C INSTRUMENTATION AMPLIFIER, 1500 uV OFFSET-MAX, PDSO8
|
Linear Technology, Corp.
|
BQ-M415RD BQ-M415RE BQ-N415RD BQ-N415RE BQ-N534RD |
FOUR DIGIT LED DISPLAYS 四个数字LED显示 Microprocessor Supervisory in SOT-23 with Active High and Low Push-Pull Output, Positive Reset Output; Package: SOT-23; No of Pins: 3; Temperature Range: Industrial 四个数字LED显示 CABLE
|
Yellow Stone, Corp. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Yellow Stone Corp
|
898-3-R220F 898-3-R330F 898-3-R47KF 898-1-R220F 89 |
1MSPS, 12-Bit ADC in 6 Lead SOT-23; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial 双列直插厚膜电阻网络 Dual, Low Noise, Single-Supply Variable Gain Amplifier; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 双列直插厚膜电阻网络 16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 双列直插厚膜电阻网络 Miniature Switch, High Precision 双列直插厚膜电阻网络 Dual-In-Line Thick Film Resistor Networks 双列直插厚膜电阻网络
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
TC1240AI/CHTR TC1240I/CHTR TC1240ECHTR TC1240 |
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package(159kHz开关频带关断DC-DC) Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package 积极加倍电荷泵与关机采用SOT - 23封装
|
Microchip Technology Inc. Microchip Technology, Inc.
|