PART |
Description |
Maker |
KI4558DY |
PIN Configuration Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KI5902DC |
Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KI4920DY |
Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KI1302DL |
Drain-source voltage VDS 30 V Gate-source voltage VGS -20 V
|
TY Semiconductor Co., Ltd
|
KI9926A |
Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS -12 V
|
TY Semiconductor Co., Ltd
|
AMS431L AMS431LA AMS431LAL AMS431LAM AMS431LAM1 AM |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:30A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:Yes .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.045ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No 1.2V SHUNT REGULATOR
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
KI4501ADY |
TrenchFET Power MOSFET Drain-Source Voltage Vds 30V
|
TY Semiconductor Co., Ltd
|
KXU05N25 |
VDS (V) = 250V RDS(ON) 1 (VGS = 10V) Drain-Source Voltage VDSS 250 V
|
TY Semiconductor Co., Ltd
|
KXU03N25 |
VDS (V) = 250V RDS(ON) 2 (VGS = 10V) Drain-Source Voltage VDSS 250 V
|
TY Semiconductor Co., Ltd
|
ST93C46A ST93C46AB1013TR ST93C46AB1TR ST93C46AB301 |
From old datasheet system 1K (64 x 16 or 128 x 8) SERIAL MICROWIRE EEPROM MOSFET; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:3.4A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Package/Case:6-TSOP RoHS Compliant: Yes MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-4.5A; On-Resistance, Rds(on):0.04ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:6-TSOP; Leaded Process Compatible:No MOSFET, P TSOP-6MOSFET, P TSOP-6; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:12V; Case style:TSOP-6; Current, Id cont:4.5A; Current, Idm pulse:20A; Power, Pd:1.1W; Resistance, Rds on:0.04R; SMD:1; Charge, Qrr typ Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13 Circular Connector; No. of Contacts:13; Series:JT02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-13 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 1628 × 8 MICROWIRE的串行EEPROM 1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM 000 64 x 16128 × 8 MICROWIRE的串行EEPROM
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|
PNP3055E |
PowerMOS transistor. Drain-source voltage 60 V. Drain current(DC) 12 A.
|
Philips
|