PART |
Description |
Maker |
2N6796LCC4 |
N-Channel Power MOSFET(Vdss00VId(cont).4A,Rds(on).18ΩN沟道功率型MOS场效应管(Vdss00VId(cont).4A,Rds(on).18Ω
|
SEME-LAB[Seme LAB]
|
IRFM150 2N7224 |
N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)(N娌?????MOS?烘?搴??(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)) N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)4A条的Rds(on):0.070Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00V的,身份证(续)4A条的Rds(on.070Ω))
|
SEMELAB LTD Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Semelab(Magnatec) SEME-LAB[Seme LAB]
|
IRFY430M-T257 |
Publications, Books RoHS Compliant: NA N-Channel Power MOSFET For HI-REL Application(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)(N沟道功率MOS场效应管,HI-REL应用(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)) N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
|
TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
SML80H14 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
IRFE230 2N6798U |
N-Channel Power MOSFET(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续).8A时,RDS(上):0.46Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续).8A时,RDS(对):0.46Ω)) N-Channel N沟道
|
NXP Semiconductors N.V. TT electronics Semelab Limited Seme LAB
|
1N5943A 1N5929A 1N5937A 1N5949A 1N5950A 1N5930A 1N |
POWER DISSIPATION: 1.5W
|
Shenzhen Luguang Electronic Technology Co., Ltd
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
MMBD5817 |
Power Dissipation: PD = 300mW
|
TY Semiconductor Co., Ltd
|
MMSZ5221B |
500mW Power Dissipation
|
TY Semiconductor Co., Ltd
|
D12000W |
Low power dissipation
|
Nell Semiconductor Co.,...
|
KTA1504 |
Collector Power Dissipation: PC=150mW
|
TY Semiconductor Co., Ltd
|