PART |
Description |
Maker |
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
SB120-05H 2513 |
40V, 1.1A Rectifier 40V的,1.1A的整流器 From old datasheet system 40V 1.1A Rectifier 50V, 12A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
SB0030-04A SB0030-04A-E |
40V/ 30mA Rectifier 40 V, 30 mA Rectifier 40V, 30mA Rectifier Schottky Barrier Diode DIODE SCHOTTKY 40V 0.03A 2DO-34
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
SBA250-04R |
40V/ 25A Rectifier Schottky Barrier Diode (Twin Type ?Cathode Common) 40V, 25A Rectifier Schottky Barrier Diode (Twin Type ・ Cathode Common) 40V, 25A Rectifier(用于高频整流应用的重复反向电0V,平均整流电5A 整流
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
6CWQ04FN 6CWQ04FNTRL 6CWQ04FNTRR |
40V 7A Schottky Common Cathode Diode in a D-Pak package SCHOTTKY RECTIFIER
|
International Rectifier
|
50SQ080 50SQ100 50SQ030 50SQ035 50SQ040 50SQ045 50 |
5 AMP SCHOTTKY POWER RECTIFIER V(rrm): 35V; 5A schottky barrier rectifier V(rrm): 40V; 5A schottky barrier rectifier
|
IRF[International Rectifier]
|
6CWQ04FNPBF 6CWQ04FNTR 6CWQ04FNTRL 6CWQ04FNTRLPBF |
SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
|
International Rectifier
|
SBT150-04Y |
Schottky Barrier Diode 40V 15A Rectifier
|
Sanyo Semicon Device
|
SGP0120SL1-15 |
Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 1A
|
GOOD-ARK Electronics
|
LS24A-15 |
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
|
GOOD-ARK Electronics
|
FS14NS-15 |
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
|
GOOD-ARK Electronics
|
SL44 |
Low VF Surface Mount Schottky Rectifier, Forward Current 4.0A, Reverse Voltage 40V
|
Vishay
|