PART |
Description |
Maker |
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
SA56606-XX SA56606-29GW SA56606-44GW SA56606-27 SA |
CMOS system reset CMOS系统复位 CMOS system reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 CAP 0.01UF 50V 10% X7R SMD-0603 TR-7-PA NI-BAR/SN ROHS
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CAT825MSDI-GT3 CAT824MSDI-GT3 CAT823 CAT823LSDI-GT |
System Supervisory Voltage Reset with Watchdog and Manual Reset
|
ON Semiconductor
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
S24022SBT S24023SBT S24023P2.7T |
Precision RESET controller and 2K I2C memory with both RESET and non-RESET outputs
|
SUMMIT Microelectronics
|
SA56616-XX SA56615-XX SA56615-XX_SA56616-XX_1 |
CMOS system reset with adjustable delay time From old datasheet system
|
Philips
|
PST9219 PST92XX PST9225NR PST9222N PST9222NR PST92 |
System Reset From old datasheet system 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
MITSUMI ELECTRIC CO LTD
|
MM1145 |
System Reset (with built-in watchdog timer) From old datasheet system
|
Mitsumi
|
CD40192BMS CD40193BMS FN3363 CD40192 CD40193 |
CMOS Presettable Up/Down Counters (Dual Clock With Reset) Up/Down Counter, Presettable, Dual Clock, Reset, Binary Type, Rad-Hard, CMOS, Logic From old datasheet system CMOS Presettable Up/Down Counters (Dual Clock With Reset) 的CMOS可预置上/下计数器(双时钟复位 CMOS Presettable Up/Down Counters (Dual Clock With Reset)(CMOS???缃??/????板?锛?甫澶??????堕?锛?
|
Intersil Corporation Intersil, Corp.
|
36-250G 36-250A 36-015A 36-015G 36-050G 36-050A 37 |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Signal Conditioner 信号调理
|
Vishay Intertechnology, Inc.
|
364TG 364B 364UYL 364UOL 364PG 364UB 364G |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Surface Mount Chip LEDs 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 表面贴装芯片LED
|
Electronic Theatre Controls, Inc.
|