PART |
Description |
Maker |
BZ5239CCN3 29A 29C BZ5239CA BZ5239CAN3 BZ5239CC |
Two ZD5239 diodes are encapsulated in a SOT-23 small plastic SMD package. Two different pinnings are available.
|
全宇昕科技股份有限公司 CYSTEKEC[Cystech Electonics Corp.]
|
1PS76SB70 |
Low forward volatge Guard ring protected Very small plastic SMD package
|
TY Semiconductor Co., L...
|
MMST4124-7 |
200 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR ULTRA SMALL, PLASTIC PACKAGE-3
|
Diodes, Inc.
|
BAP65-02 BAP65-02.115 BAP65-02-15 |
Planar PIN diode in a SOD523 ultra small SMD plastic package Silicon PIN diode
|
NXP Semiconductors
|
BC846AW BC848AW-7-F BC848BW-7-F BC846BW BC847CW-7- |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS NPN BIPOLAR 45V SOT-323 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
2N7002DW-7 |
115 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ULTRA SMALL, PLASTIC PACKAGE-6
|
Diodes, Inc.
|
BC558C-BULK |
100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PLASTIC PACKAGE-3
|
Vishay Intertechnology, Inc.
|
BC548C-BULK |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 PLASTIC PACKAGE-3
|
Vishay Intertechnology, Inc.
|
BC848C-7 |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Diodes, Inc.
|
PDZ16B PDZ3.6B PDZ3.0B PDZ3.3B |
Small plastic package suitable for surface mounted design
|
TY Semiconductor Co., Ltd
|
BAS70DW-05-7 |
0.07 A, 70 V, 4 ELEMENT, SILICON, SIGNAL DIODE ULTRA SMALL, PLASTIC PACKAGE-6
|
Diodes, Inc.
|
SAT800-15 |
Small 8 pin DIP/SMD package
|
Solid State Optronic
|
|