PART |
Description |
Maker |
BAT54AW BAT54AWPBF |
0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE SCHOTTKY DIODE 0.2 Amp 30V 0.2A Schottky Common Anode Diode in a SOT-323 package
|
International Rectifier
|
BAT54SDW BAT54CDW BAT54ADW BAT54BRW-TP BAT54SDW-TP |
200mWatt, 30Volt Schottky Barrier Diode DIODE SCHOTTKY 200MW 30V SOT363 0.2 A, 4 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
NSR0530P2T5G |
Schottky Barrier Diode 30V 0.5A low VF SOD-923 Schottky Diode 0.5 A, 30 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor
|
SD103AWS-TP SD103BWS-TP |
DIODE SCHOTTKY 40V 350MA SOD323 0.35 A, 40 V, SILICON, SIGNAL DIODE 400mW Small Signal Schottky Diode 20 to 40 Volts DIODE SCHOTTKY 30V 350MA SOD323
|
Micro Commercial Components, Corp.
|
NTGD4169F NTGD4169FT1G |
30V 2.9A N-Ch with Schottky Barrier Diode TSOP6 Power MOSFET and Schottky Diode 30 V, 2.9 A, N−Channel with Schottky Barrier Diode, TSOP−6
|
ON Semiconductor
|
MBRD320 MBRD330 MBRD340 MBRD320TR MBRD340PBF |
Schottky (Diodes & Rectifiers) 3.0 Amp 40 Volt SCHOTTKY RECTIFIER 30V 3A Schottky Discrete Diode in a D-Pak package 40V 3A Schottky Discrete Diode in a D-Pak package 20V 3A Schottky Discrete Diode in a D-Pak package
|
Vishay Semiconductors IRF[International Rectifier]
|
CMOSH-4E |
SURFACE MOUNT ENHANCED SPECIFICATION SILICON SCHOTTKY DIODE SMD Schottky Diode Single: High Current
|
Central Semiconductor Corp.
|
HSCH-3486 HSCH3486 |
ZERO BIAS SCHOTTKY DIODE SILICON, ZERO BARRIER SCHOTTKY, X BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor ASI
|
Q67040S4647 SDT08S60 |
Silicon Carbide Schottky Diodes - 8A diode in TO220-2 package Thinq SiC Schottky Diode
|
Infineon Technologies AG
|
BAT60B Q62702-A1189 BAT60 Q62702-A118 |
From old datasheet system Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
|
SIEMENS[Siemens Semiconductor Group]
|
BAT60A Q62702-A1188 |
Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply 硅肖特基二极管(肖特基二极管整流极端VF为移动通信电源供应下降 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
18TQ045 18TQ045S 18TQ035S 18TQ 18TQ035 18TQ040 18T |
45V 18A Schottky Discrete Diode in a TO-220AC package 45V 18A Schottky Discrete Diode in a D2-Pak package 40V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a TO-220AC package SCHOTTKY RECTIFIER CAT6 SOL PC PVC YEL 2OFT PVC SOLID PATCH CORD CAT6 SOL PC PVC YEL 30FT PVC SOLID PATCH CORD DIODE 18 A, 35 V, SILICON, RECTIFIER DIODE, TO-263AB, PLASTIC, SMD-220, D2PAK-3, Rectifier Diode 40V 18A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier] Vishay Semiconductors
|