PART |
Description |
Maker |
NVTFS5820NLTWG NVTFS5820NLTAG NCP4682DSQ12T1G |
60 V, 11.5 m, Single N?Channel, 8FL Power MOSFET 150 mA, Ultra Low Supply Current, Low Dropout Regulator 150 mA, Ultra Low Supply Current, Low Dropout Regulator
|
ON Semiconductor
|
MAX3311 MAX3311CUB MAX3311EUB MAX3311-MAX3313 MAX3 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX LINE TRANSCEIVER, PDSO10 Quad LVDS Receiver with -4 to 5V Common-mode Range 16-TSSOP -40 to 85 Dual LVDS Receiver with -4 to 5V Common-mode Range 8-SOIC -40 to 85 460kbps, 1μA Supply Current, RS-232-Compatible Transceivers in μMAX 460kbps, 1A Supply Current, RS-232-Compatible Transceivers in MAX " 460kbps, 1?A Supply Current, RS-232-Compatible Transceivers in ?MAX" 460kbps 1A Supply Current RS-232-Compatible Transceivers in MAX 460KBPS, 1ヌA SUPPLY CURRENT, RS-232-COMPATIBLE TRANSCEIVERS IN ヌMAX 460kbps, 1レA Supply Current, RS-232-Compatible Transceivers in レMAX 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX 460kbps / 1A Supply Current / RS-232-Compatible Transceivers in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD8541AKS-R2 AD8541AKS-REEL7 AD8542ARM-R2 AD8542AR |
General Purpose CMOS Rail-to-Rail Amplifiers Dual Rail-to-Rail Input and Output, Single Supply Amplifier Featuring Very Low Supply Current Single Rail-to-Rail Input and Output, Single Supply Amplifier Featuring Very Low Supply Current
|
http:// Analog Devices
|
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
CA5420A05 CA5420AMZ CA5420AM CA5420A |
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
|
INTERSIL[Intersil Corporation]
|
CA3420-05 |
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
|
Intersil Corporation
|
TC1173 TC1173VUA TC1173VOA TC1173-5.0VOA TC1173-5. |
The TC1173 is a precision output (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically 50A at full load (20 to 60 times lower than in bipolar regulators!). TC1173 key features include ultra low noise operati The TC1173 is a precision output (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically 50µA at ... 300mA CMOS LDO with Shutdown ERROR output and Bypass
|
MICROCHIP[Microchip Technology]
|
NCP4682DSQ33T1G NCP4685ESQ15T1G NCP4682HMU18TCG NV |
150 mA, Ultra Low Supply Current, Low Dropout Regulator 60 V, 24 m, 20 A, Single N?Channel Power MOSFET
|
ON Semiconductor
|
TLE42744GS TLE42744GV50 TLE42744-14 TLE42744DV33 T |
Supply voltage regulator Very Low Current Consumption
|
Infineon Technologies AG Infineon Technologies A...
|
RT9263CPX5 RT926307 RT9263EPX5 RT9263CGX5 RT9263EG |
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
|
Richtek Technology Corporation
|